Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C2V4 Datasheet (PDF) - Micro Commercial Components

BZX84C2V4 Datasheet PDF - Micro Commercial Components
Part # BZX84C2V4
Download  BZX84C2V4 Download
File Size   126.24 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Silicon 410 mWatt Zener Diodes

BZX84C2V4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C2V4 Datasheet PDF - Micro Commercial Components

Part # BZX84C2V4
Download  BZX84C2V4 Click to download

File Size   126.24 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Silicon 410 mWatt Zener Diodes

BZX84C2V4 Datasheet (HTML) - Micro Commercial Components


BZX84C2V4 Product details

Features
• Planar Die Construction
• Zener Voltages from 2.4V - 62V
• Ideally Suited for Automated Assembly Processes
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
   Compliant. See Ordering Information)

Maximum Ratings
• Operating Junction Temperature Range: -55°C to +150°C
• Storage Temperature Range: -55°C to +150°C
• Thermal Resistance : 357°C/W Junction to Ambient




Similar Part No. - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BZX84C2V4 WTE-BZX84C2V4 Datasheet
56Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
61Kb / 4P
300mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 18 - 2
logo
Central Semiconductor C...
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
120Kb / 2P
surface mount silicon Zener diodes
logo
Jiangsu Changjiang Elec...
BZX84C2V4 JIANGSU-BZX84C2V4 Datasheet
134Kb / 3P
Plastic-Encapsulate Diode
More results


Similar Description - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
410 mW Zener Diodes 2.4 to 39 Volts
BZX84C2V4W MCC-BZX84C2V4W Datasheet
125Kb / 4P
Silicon 200 mWatt Zener Diodes
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
SILICON ZENER DIODES
logo
Micro Commercial Compon...
BZX84C2V4 MCC-BZX84C2V4_09 Datasheet
312Kb / 6P
Silicon 350 mWatt Zener Diodes
BZX84C2V4 MCC-BZX84C2V4_14 Datasheet
383Kb / 6P
Silicon 350 mWatt Zener Diodes
BZX84C2V4W MCC-BZX84C2V4W_13 Datasheet
243Kb / 5P
Silicon 200 mWatt Zener Diodes
BZX584B2V4 MCC-BZX584B2V4 Datasheet
509Kb / 4P
Silicon 150 mWatt Zener Diodes
BZX784C2V4 MCC-BZX784C2V4 Datasheet
336Kb / 3P
Silicon 150 mWatt Zener Diodes
BZX784C10 MCC-BZX784C10 Datasheet
336Kb / 3P
Silicon 150 mWatt Zener Diodes
BZX84B4V3HE3 MCC-BZX84B4V3HE3 Datasheet
520Kb / 4P
350 mWatt Zener Diodes 2.4 to 36 Volts
Rev.3-3-10282020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com