Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR2A Datasheet (PDF) - Micro Commercial Components

FR2A Datasheet PDF - Micro Commercial Components
Part # FR2A
Download  FR2A Download
File Size   622.74 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts

FR2A Datasheet (PDF)

Go To PDF Page Download Datasheet
FR2A Datasheet PDF - Micro Commercial Components

Part # FR2A
Download  FR2A Click to download

File Size   622.74 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts

FR2A Datasheet (HTML) - Micro Commercial Components


FR2A Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Easy Pick And Place
• High Temp Soldering: 260°C for 10 Seconds At Terminals
• Superfast Recovery Times For High Efficiency




Similar Part No. - FR2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2A PANJIT-FR2A Datasheet
59Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
FR2A SURGE-FR2A Datasheet
80Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
Transys Electronics
FR2A TRSYS-FR2A Datasheet
195Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
FR2A WTE-FR2A Datasheet
48Kb / 3P
2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Dc Components
FR2A DCCOM-FR2A Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Similar Description - FR2A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR201 MCC-FR201 Datasheet
80Kb / 3P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2AL MCC-FR2AL Datasheet
1Mb / 4P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR2A MCC-FR2A_11 Datasheet
991Kb / 4P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR201 MCC-FR201_11 Datasheet
460Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR207-TP MCC-FR207-TP Datasheet
613Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR201 YFWDIODE-FR201 Datasheet
73Kb / 3P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR201DO15 YFWDIODE-FR201DO15 Datasheet
416Kb / 3P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR201 MCC-FR201_13 Datasheet
613Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2AFL MCC-FS2AFL Datasheet
334Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FR2A LEIDITECH-FR2A Datasheet
944Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com