Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4220 Datasheet (PDF) - Texas Instruments

PCM4220 Datasheet PDF - Texas Instruments
Part # PCM4220_15
Download  PCM4220 Download
File Size   929.62 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter

PCM4220 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM4220 Datasheet PDF - Texas Instruments

Part # PCM4220_15
Download  PCM4220 Click to download

File Size   929.62 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter

PCM4220 Datasheet (HTML) - Texas Instruments


PCM4220 Product details

DESCRIPTION
The PCM4220 is a high-performance, two-channel analog-to-digital (A/D) converter designed for use in
professional audio applications. Offering outstanding dynamic performance, the PCM4220 provides 24-bit linear
PCM output data, with support for output word length reduction to 20-, 18-, or 16-bits. The PCM4220 includes
three sampling modes, supporting output sampling rates from 8kHz to 216kHz. The PCM4220 is ideal for a
variety of digital audio recording and processing applications.
A linear phase digital decimation filtering engine supports Classic and Low Group Delay filter responses, allowing
optimization for either studio or live sound applications. In addition, digital high-pass filtering is provided for DC
offset removal. The The PCM4220 is configured using dedicated control pins for selection of sampling modes,
audio data formats and word length, decimation filter response, high-pass filter disable, and reset/power-down
functions.
While providing uncompromising performance, the PCM4220 addresses power concerns with just over 300mW
typical total power dissipation, making the device suitable for multi-channel audio systems. The PCM4220 is
typically powered from a +4.0V analog supply and a +3.3V digital supply. The digital I/O is logic-level compatible
with common digital signal processors, digital interface transmitters, and programmable logic devices. The
PCM4220 is available in a TQFP-48 package, which is RoHS-compliant.

1FEATURES
234· Supports Linear PCM Output Data
– Output Sampling Rates from 8kHz to
216kHz
· Differential Voltage Inputs
· On-Chip Voltage Reference Improves
Power-Supply Noise Rejection
· Dynamic Performance (24-bit word length)
– Dynamic Range (–60dB input, A-weighted):
123dB typical
– Dynamic Range (–60dB input, 20kHz
bandwidth): 121dB typical
– Total Harmonic Distortion + Noise
(–1dB input, 20kHz bandwidth):
–108dB typical
– Channel Separation: 135dB
· Low Power Dissipation:
– 305mW typical for 48kHz sampling rate
– 330mW typical for 96kHz sampling rate
– 340mW typical for 192kHz sampling rate
· Linear Phase Digital Decimation Filtering
– Select from Classic or Low Group Delay
Filter Responses
– Low Passband Ripple
Classic: ±0.00015dB
Low Group Delay: ±0.001dB
· Digital High-Pass Filtering Removes DC Offset
– Left and Right Channel Filters May Be
Disabled Independently
· Audio Serial Port Interface
– Master or Slave Mode Operation
– Supports Left-Justified, I2S™, and TDM
Data Formats
· Output Word Length Reduction
· Overflow Indicators for the Left and Right
Channels
· Analog Power Supply:
+4.0V nominal
· Digital Power Supply:
+3.3V nominal
· Power-Down Mode: 4mW typical
· Package: TQFP-48, RoHS compliant

APPLICATIONS
· Digital Audio Recorders and
Mixing Desks · Digital Live Sound Consoles
· Digital Audio Effects Processors
· Surround Sound Encoders
· Broadcast Studio Equipment
· Data Acquisition and
Measurement Systems
· Audio Test Systems
· Sonar




Similar Part No. - PCM4220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM4220PFB TI-PCM4220PFB Datasheet
945Kb / 34P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4220PFB TI2-PCM4220PFB Datasheet
858Kb / 39P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
PCM4220PFB.B TI2-PCM4220PFB.B Datasheet
858Kb / 39P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
PCM4220PFBG4 TI-PCM4220PFBG4 Datasheet
945Kb / 34P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4220PFBR TI-PCM4220PFBR Datasheet
945Kb / 34P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
More results


Similar Description - PCM4220_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1604 BURR-BROWN-PCM1604 Datasheet
263Kb / 32P
24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
PCM4204 BURR-BROWN-PCM4204 Datasheet
554Kb / 34P
HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
PCM4108 TI-PCM4108 Datasheet
551Kb / 39P
HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM4222 BURR-BROWN-PCM4222 Datasheet
910Kb / 38P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222 BURR-BROWN-PCM4222_07 Datasheet
913Kb / 40P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Texas Instruments
PCM4220 TI-PCM4220 Datasheet
945Kb / 34P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com