Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10A Datasheet (PDF) - Micro Commercial Components

S10A Datasheet PDF - Micro Commercial Components
Part # S10A
Download  S10A Download
File Size   648.21 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts

S10A Datasheet (PDF)

Go To PDF Page Download Datasheet
S10A Datasheet PDF - Micro Commercial Components

Part # S10A
Download  S10A Click to download

File Size   648.21 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts

S10A Datasheet (HTML) - Micro Commercial Components


S10A Product details

10 Amp Silicon Rectifier 50 to 1000 Volts

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)
• Low Thermal Resistance
• High Temp Soldering: 260°C for 10 Seconds At Terminals
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Maximum Thermal Resistance:10C/W Junction To Case
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - S10A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S10A MCC-S10A Datasheet
300Kb / 4P
10 Amp Silicon Rectifier 50 to 1000 Volts
logo
Microdiode Semiconducto...
S10A CHENDA-S10A Datasheet
810Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
S10A SUNMATE-S10A Datasheet
417Kb / 3P
SURFACE MOUNT RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
S10A YFWDIODE-S10A Datasheet
522Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
Zibo Seno Electronic En...
S10A ZSELEC-S10A Datasheet
91Kb / 2P
10.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results


Similar Description - S10A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GL34A MCC-GL34A Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
PF501 MCC-PF501 Datasheet
96Kb / 2P
50Amp Standard Recovery Rectifier 50 to 1000 Volts
PF501L MCC-PF501L Datasheet
96Kb / 2P
50Amp Standard Recovery Rectifier 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
1.0 Amp Standard Recovery Rectifier 50-1000 Volts
SOD4001 MCC-SOD4001 Datasheet
101Kb / 3P
1 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001-TS01 MCC-SOD4001-TS01 Datasheet
118Kb / 3P
1 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
RA251 MCC-RA251_08 Datasheet
109Kb / 3P
25 Amp Standard Rectifier 50 to 1000 Volts
RA501 MCC-RA501_08 Datasheet
133Kb / 3P
50.0 Amp Standard Rectifier 50 to 1000 Volts
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com