Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6161CB Datasheet (PDF) - Intersil Corporation

ISL6161CB Datasheet PDF - Intersil Corporation
Part # ISL6161CB
Download  ISL6161CB Download
File Size   218.48 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Power Distribution Controller

ISL6161CB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6161CB Datasheet PDF - Intersil Corporation

Part # ISL6161CB
Download  ISL6161CB Click to download

File Size   218.48 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Power Distribution Controller

ISL6161CB Datasheet (HTML) - Intersil Corporation


ISL6161CB Product details

The ISL6161 is a HOT SWAP dual supply power distribution
controller that can be used in PCI-Express applications.
Two external N-Channel MOSFETs are driven to distribute
and control power while providing load fault isolation. At
turn-on, the gate of each external N-Channel MOSFET is
charged with a 10µA current source. Capacitors on each
gate (see the “Typical Application Diagram” on page 1),
create a programmable ramp (soft turn-on) to control in-rush
currents. A built-in charge pump supplies the gate drive for
the 12V supply N-Channel MOSFET switch.
Overcurrent protection is facilitated by two external current
sense resistors and FETs. When the current through either
resistor exceeds the user programmed value, the controller
enters the current regulation mode. The time-out capacitor,
CTIM, starts charging as the controller enters the time-out
period. Once CTIM charges to a 2V threshold, both the
N-Channel MOSFETs are latched off. In the event of a hard
and fast fault of at least 3x the programmed current limit
level, the N-Channel MOSFET gates are pulled low
immediately before entering the time-out period. The
controller is reset by a rising edge on the ENABLE pin.
The ISL6161 constantly monitors both output voltages and
reports either one being low on the PGOOD output as a low.
The 12V PGOOD Vth is ~10.8V and the 3.3V Vth is ~2.8V
nominally.

Features
• HOT SWAP Dual Power Distribution and Control for
+12V and +3.3V
• Provides Fault Isolation
• Programmable Current Regulation Level
• Programmable Time-Out
• Charge Pump Allows the Use of N-Channel MOSFETs
• Power-Good and Overcurrent Latch Indicators
• Adjustable Turn-On Ramp
• Protection During Turn-On
• Two Levels of Current Limit Detection Provide Fast
Response to Varying Fault Conditions
• 1µs Response Time to Dead Short
• 3µs Response Time to 200% Current Overshoot
• Pb-Free Available (RoHS compliant)

Applications
• PCI-Express Applications
• Power Distribution and Control
• Hot Plug, Hot Swap Components




Similar Part No. - ISL6161CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6161CB INTERSIL-ISL6161CB Datasheet
221Kb / 11P
Dual Power Distribution Controller
October 2, 2008
ISL6161CBZA INTERSIL-ISL6161CBZA Datasheet
221Kb / 11P
Dual Power Distribution Controller
October 2, 2008
More results


Similar Description - ISL6161CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1012 INTERSIL-HIP1012 Datasheet
173Kb / 15P
Dual Power Distribution Controller
November 1999
HIP1013 INTERSIL-HIP1013 Datasheet
51Kb / 7P
Low Cost Dual Power Distribution Controller
May 1999
HIP1012A INTERSIL-HIP1012A_04 Datasheet
543Kb / 15P
Dual Power Distribution Controller
March 2004
HIP1013 INTERSIL-HIP1013_04 Datasheet
206Kb / 8P
Low Cost Dual Power Distribution Controller
August 2004
ISL6161 INTERSIL-ISL6161 Datasheet
221Kb / 11P
Dual Power Distribution Controller
October 2, 2008
logo
Anpec Electronics Corop...
APL3540 ANPEC-APL3540 Datasheet
313Kb / 19P
High-Side Power Distribution Controller
logo
Renesas Technology Corp
HIP1012A RENESAS-HIP1012A Datasheet
864Kb / 15P
Dual Power Distribution Controller
HIP1013 RENESAS-HIP1013 Datasheet
423Kb / 7P
Low Cost Dual Power Distribution Controller
logo
Anpec Electronics Corop...
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
High-Side Power Distribution Controller
logo
Renesas Technology Corp
ISL6161 RENESAS-ISL6161 Datasheet
691Kb / 14P
Dual Power Distribution Controller
Aug 16, 2018
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com