Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6174 Datasheet (PDF) - Intersil Corporation

ISL6174 Datasheet PDF - Intersil Corporation
Part # ISL6174
Download  ISL6174 Download
File Size   349.0 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Low Voltage Circuit Breaker

ISL6174 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6174 Datasheet PDF - Intersil Corporation

Part # ISL6174
Download  ISL6174 Click to download

File Size   349.0 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Low Voltage Circuit Breaker

ISL6174 Datasheet (HTML) - Intersil Corporation


ISL6174 Product details

This IC targets dual voltage hot swap applications across the
+2.5V to +3.3V (nominal) bias supply voltage range with a
second lower voltage rail down to less than 1V where a circuit
breaker response to an over current event is preferred.
It features a charge pump for driving external N-Channel
MOSFETs, accurate programmable circuit breaker current
thresholds and delay output undervoltage monitoring and
reporting and adjustable soft-start.
The circuit breaker current level (ICB) for each rail is set by
two external resistors, and for each rail a delay (tCB) is set by
an external capacitor on the TCB pin. After tCB has expired,
the IC then quickly pulls down the associated GATE(s)
output turning off its external FET(s).

Features
• Fast Circuit Breaker Quickly Responds to Overcurrent
Fault Conditions
• Less than 1µs Response Time to Dead Short
• Programmable Circuit Breaker Level and Delay
• Two Levels of Overcurrent Detection Provide Fast
Response to Varying Fault Conditions
• Overcurrent Circuit Breaker and Fault Isolation Functions
• Adjustable Circuit Breaker Threshold as Low as 20mV
• Adjustable Voltage Ramp-up for In-Rush Protection
During Turn-On
• Rail Independent Control, Monitoring and Reporting I/O
• Dual Supply Hot Swap Power Distribution Control to <1V
• Charge Pump Allows the Use of N-Channel MOSFETs
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package Footprint, Which Improves
PCB Efficiency and has a Thinner Profile
• Pb-Free (RoHS Compliant)

Applications
• Power Supply Sequencing, Distribution and Control
• Hot Swap / Electronic Circuit Breaker Circuits




Similar Part No. - ISL6174

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6174 INTERSIL-ISL6174 Datasheet
351Kb / 16P
Dual Low Voltage Circuit Breaker
December 19, 2008
logo
Renesas Technology Corp
ISL6174 RENESAS-ISL6174 Datasheet
765Kb / 16P
Dual Low Voltage Circuit Breaker
logo
Intersil Corporation
ISL6174IRZ INTERSIL-ISL6174IRZ Datasheet
351Kb / 16P
Dual Low Voltage Circuit Breaker
December 19, 2008
logo
Renesas Technology Corp
ISL6174IRZ RENESAS-ISL6174IRZ Datasheet
765Kb / 16P
Dual Low Voltage Circuit Breaker
More results


Similar Description - ISL6174

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7155 NTE-NTE7155 Datasheet
33Kb / 3P
Integrated Circuit Dual Low-Voltage Power Amplifier
NTE943 NTE-NTE943 Datasheet
35Kb / 5P
Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
logo
Intersil Corporation
ISL6174 INTERSIL-ISL6174 Datasheet
351Kb / 16P
Dual Low Voltage Circuit Breaker
December 19, 2008
logo
Carling Technologies
CA3-B0-10-450-121-C CARLINGTECH-CA3-B0-10-450-121-C Datasheet
4Mb / 24P
Circuit Breaker
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
Circuit Breaker
GA1-B0-24-620-11-DC CARLINGTECH-GA1-B0-24-620-11-DC Datasheet
2Mb / 4P
Circuit Breaker
logo
STMicroelectronics
CBTVS2A12-1F3 STMICROELECTRONICS-CBTVS2A12-1F3 Datasheet
475Kb / 7P
Circuit breaker with transient voltage suppressor
19-May-2014
CBTVS2A16-1F3 STMICROELECTRONICS-CBTVS2A16-1F3 Datasheet
188Kb / 6P
Circuit breaker with transient voltage suppressor
April 2015 Rev 1
logo
Renesas Technology Corp
ISL6174 RENESAS-ISL6174 Datasheet
765Kb / 16P
Dual Low Voltage Circuit Breaker
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com