Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC015NE2LS5I Datasheet (PDF) - Infineon Technologies AG

BSC015NE2LS5I Datasheet PDF - Infineon Technologies AG
Part # BSC015NE2LS5I
Download  BSC015NE2LS5I Download
File Size   1572.28 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Metal Oxide Semiconductor Field Effect Transistor

BSC015NE2LS5I Datasheet (PDF)

Go To PDF Page Download Datasheet
BSC015NE2LS5I Datasheet PDF - Infineon Technologies AG

Part # BSC015NE2LS5I
Download  BSC015NE2LS5I Click to download

File Size   1572.28 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Metal Oxide Semiconductor Field Effect Transistor

BSC015NE2LS5I Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BSC015NE2LS5I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC010N04LS INFINEON-BSC010N04LS Datasheet
1,021Kb / 2P
New OptiMOS??40V and 60V
07 / 2012
BSC010N04LS INFINEON-BSC010N04LS Datasheet
1Mb / 14P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2014-06-27
BSC010N04LS6 INFINEON-BSC010N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2020-03-16
BSC010N04LSC INFINEON-BSC010N04LSC Datasheet
1Mb / 12P
OptiMOSTM5 Power-Transistor, 40V
Rev.2.3,2020-04-16
BSC010N04LSI INFINEON-BSC010N04LSI Datasheet
1,021Kb / 2P
New OptiMOS??40V and 60V
07 / 2012
More results


Similar Description - BSC015NE2LS5I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R099C7 INFINEON-IPA60R099C7_15 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
IPC26N12N INFINEON-IPC26N12N_15 Datasheet
1Mb / 4P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.5
BSC0503NSI INFINEON-BSC0503NSI_15 Datasheet
1Mb / 13P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
BSZ0503NSI INFINEON-BSZ0503NSI_15 Datasheet
1Mb / 12P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
IPA60R380P6 INFINEON-IPA60R380P6_15 Datasheet
2Mb / 19P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2015-07-10
IPB60R600P6 INFINEON-IPB60R600P6_15 Datasheet
2Mb / 19P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2015-07-10
IPZ60R070P6 INFINEON-IPZ60R070P6_15 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
IPD65R650CE INFINEON-IPD65R650CE_15 Datasheet
1Mb / 17P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-16
IPP60R180C7 INFINEON-IPP60R180C7_15 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-05-08
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com