Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD7000 Datasheet (PDF) - Micro Commercial Components

MMBD7000 Datasheet PDF - Micro Commercial Components
Part # MMBD7000
Download  MMBD7000 Download
File Size   80.12 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW 100Volt Dual Switching Diode

MMBD7000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD7000 Datasheet PDF - Micro Commercial Components

Part # MMBD7000
Download  MMBD7000 Click to download

File Size   80.12 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW 100Volt Dual Switching Diode

MMBD7000 Datasheet (HTML) - Micro Commercial Components


MMBD7000 Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Low Current Leakage
• Halogen free available upon request by adding suffix "-HF"
• Small Outline Surface Mount Package
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Marking : M5C / T3




Similar Part No. - MMBD7000

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
DUAL SWITCHING DIODE
logo
Fairchild Semiconductor
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
logo
Diodes Incorporated
MMBD7000 DIODES-MMBD7000 Datasheet
151Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 3 - 2
logo
General Semiconductor
MMBD7000 GE-MMBD7000 Datasheet
91Kb / 2P
DUAL SMALL SIGNAL SWITCHING DIODE
logo
Infineon Technologies A...
MMBD7000 INFINEON-MMBD7000 Datasheet
444Kb / 4P
Silicon Switching Diode Array
Mar-10-2004
More results


Similar Description - MMBD7000

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
350mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
350mW 100Volt Switching Diode
BAW56 CHENYI-BAW56 Datasheet
52Kb / 2P
350mw 75volt dual switching diode
MMBD4148 CHENYI-MMBD4148 Datasheet
59Kb / 3P
350mW 100volt silicon epitaxial diode
logo
Micro Commercial Compon...
BAS16 MCC-BAS16_11 Datasheet
161Kb / 3P
350mW 100Volt Switching Diode
MMBD7000 MCC-MMBD7000_11 Datasheet
219Kb / 3P
225mW 100Volt Dual Switching Diode
BAS16 MCC-BAS16_13 Datasheet
201Kb / 3P
350mW 100Volt Switching Diode
BAS16-TP MCC-BAS16-TP Datasheet
201Kb / 3P
350mW 100Volt Switching Diode
BAW56 MCC-BAW56_13 Datasheet
213Kb / 3P
350mW 75Volt Dual Switching Diode
MMBD7000 MCC-MMBD7000_17 Datasheet
284Kb / 3P
225mW 100Volt Dual Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com