Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5462 Datasheet (PDF) - Intersil Corporation

EL5462 Datasheet PDF - Intersil Corporation
Part # EL5462
Download  EL5462 Download
File Size   419.99 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 500MHz Low Power Current Feedback Amplifier

EL5462 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5462 Datasheet PDF - Intersil Corporation

Part # EL5462
Download  EL5462 Click to download

File Size   419.99 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 500MHz Low Power Current Feedback Amplifier

EL5462 Datasheet (HTML) - Intersil Corporation


EL5462 Product details

The EL5462 is a current feedback amplifier with a bandwidth
of 500MHz which makes this amplifier ideal for today’s high
speed video and monitor applications.
With a supply current of just 1.5mA per amplifier and the
ability to run from a single supply voltage from 5V to 12V, the
EL5462 is also ideal for handheld, portable or batterypowered equipment.
The EL5462 is available in a 14-pin SO package and
operates over the industrial temperature range of -40°C to
+85°C.

Features
• 500MHz -3dB bandwidth
• 4000V/µs slew rate
• 1.5mA supply current per amplifier
• Single and dual supply operation, from 5V to 12V supply
span
• High speed, 1.4GHz product available (EL5167 &
EL5167)
• High speed, 4mA, 630MHz product available (EL5164 &
EL5165)
• Pb-free available (RoHS compliant)

Applications
• Battery-powered equipment
• Handheld, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current-to-voltage converters




Similar Part No. - EL5462

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
416Kb / 9P
500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5462IS INTERSIL-EL5462IS Datasheet
416Kb / 9P
500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462IS RENESAS-EL5462IS Datasheet
561Kb / 9P
500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5462IS-T13 INTERSIL-EL5462IS-T13 Datasheet
416Kb / 9P
500MHz Low Power Current Feedback Amplifier
February 14, 2005
More results


Similar Description - EL5462

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
416Kb / 9P
500MHz Low Power Current Feedback Amplifier
February 14, 2005
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
500MHz Low Power Current Feedback Amplifiers with Enable
March 16, 2007
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
500MHz Low Power Current Feedback Amplifiers with Enable
logo
Cadeka Microcircuits LL...
CLC1006 CADEKA-CLC1006 Datasheet
1Mb / 16P
Single, 500MHz Voltage Feedback Amplifier
logo
Linear Technology
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
Low Power 10MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
Single, 500MHz Voltage Feedback Amplifier
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
500MHz Low Power Current Feedback Amplifiers with Enable
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
500MHz Low Power Current Feedback Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com