Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-4900 Datasheet (PDF) - Intersil Corporation

HA-4900 Datasheet PDF - Intersil Corporation
Part # HA-4900
Download  HA-4900 Download
File Size   232.4 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Quad Comparators

HA-4900 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-4900 Datasheet PDF - Intersil Corporation

Part # HA-4900
Download  HA-4900 Click to download

File Size   232.4 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Quad Comparators

HA-4900 Datasheet (HTML) - Intersil Corporation


HA-4900 Product details

The HA-4900 series are monolithic, quad, precision comparators
offering fast response time, low offset voltage, low offset current
and virtually no channel-to-channel crosstalk for applications
requiring accurate, high speed, signal level detection. These
comparators can sense signals at ground level while being operated
from either a single +5V supply (digital systems) or from dual
supplies (analog networks) up to ±15V. The HA-4900 series
contains a unique current driven output stage which can be
connected to logic system supplies (VLOGIC+ and VLOGIC-) to
make the output levels directly compatible (no external
components needed) with any standard logic or special system
logic levels. In combination analog/digital systems, the design
employed in the HA-4900 series input and output stages prevents
troublesome ground coupling of signals between analog and digital
portions of the system.
These comparators’ combination of features make them ideal
components for signal detection and processing in data acquisition
systems, test equipment and microprocessor/analog signal
interface networks.
For military grade product, refer to the HA-4902/883 data sheet.

Features
• Fast Response Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .130ns
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0mV
• Low Offset Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10nA
• Single or Dual Voltage Supply Operation
• Selectable Output Logic Levels
• Active Pull-Up/Pull-Down Output Circuit. No External Resistors Required
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Threshold Detector
• Zero Crossing Detector
• Window Detector
• Analog Interfaces for Microprocessors
• High Stability Oscillators
• Logic System Interfaces




Similar Part No. - HA-4900

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900 Datasheet
102Kb / 8P
Precision Quad Comparators
September 1998
HA-4900 INTERSIL-HA-4900 Datasheet
235Kb / 8P
Precision Quad Comparators
October 20, 2005
logo
Renesas Technology Corp
HA-4900 RENESAS-HA-4900 Datasheet
578Kb / 10P
Precision Quad Comparators
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900_05 Datasheet
235Kb / 8P
Precision Quad Comparators
October 20, 2005
More results


Similar Description - HA-4900

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900 Datasheet
102Kb / 8P
Precision Quad Comparators
September 1998
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900_05 Datasheet
235Kb / 8P
Precision Quad Comparators
October 20, 2005
logo
Texas Instruments
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
Quad Differential Comparators
logo
Renesas Technology Corp
HA-4900 RENESAS-HA-4900 Datasheet
578Kb / 10P
Precision Quad Comparators
logo
Texas Instruments
TLV9022 TI-TLV9022 Datasheet
2Mb / 41P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022_V01 Datasheet
2Mb / 40P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022_V02 Datasheet
2Mb / 43P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022_V03 Datasheet
3Mb / 54P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
REVISED AUGUST 2021
TLV9022 TI-TLV9022_V04 Datasheet
4Mb / 58P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
MAY 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com