Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6601BCBZ Datasheet (PDF) - Intersil Corporation

HIP6601BCBZ Datasheet PDF - Intersil Corporation
Part # HIP6601BCBZ
Download  HIP6601BCBZ Download
File Size   258.03 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Rectified Buck MOSFET Drivers

HIP6601BCBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6601BCBZ Datasheet PDF - Intersil Corporation

Part # HIP6601BCBZ
Download  HIP6601BCBZ Click to download

File Size   258.03 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Rectified Buck MOSFET Drivers

HIP6601BCBZ Datasheet (HTML) - Intersil Corporation


HIP6601BCBZ Product details

The HIP6601B, HIP6603B and HIP6604B are high-frequency,
dual MOSFET drivers specifically designed to drive two power
N-Channel MOSFETs in a synchronous rectified buck converter
topology. These drivers combined with a HIP63xx or the ISL65xx
series of Multi-Phase Buck PWM controllers and MOSFETs form
a complete core-voltage regulator solution for advanced
microprocessors.
The HIP6601B drives the lower gate in a synchronous rectifier to
12V, while the upper gate can be independently driven over a range
from 5V to 12V. The HIP6603B drives both upper and lower gates
over a range of 5V to 12V. This drive-voltage flexibility provides
the advantage of optimizing applications involving trade-offs
between switching losses and conduction losses. The HIP6604B
can be configured as either a HIP6601B or a HIP6603B.
The output drivers in the HIP6601B, HIP6603B and HIP6604B
have the capacity to efficiently switch power MOSFETs at
frequencies up to 2MHz. Each driver is capable of driving a
3000pF load with a 30ns propagation delay and 50ns transition
time. These products implement bootstrapping on the upper gate
with only an external capacitor required. This reduces
implementation complexity and allows the use of higher
performance, cost effective, N-Channel MOSFETs. Adaptive
shoot-through protection is integrated to prevent both MOSFETs
from conducting simultaneously.

Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• Internal Bootstrap Device
• Supports High Switching Frequency
- Fast Output Rise Time
- Propagation Delay 30ns
• Small 8 Ld SOIC and EPSOIC and 16 Ld QFN Packages
• Dual Gate-Drive Voltages for Optimal Efficiency
• Three-State Input for Output Stage Shutdown
• Supply Undervoltage Protection
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN—Quad Flat No
Leads—Product Outline.
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile.
• Pb-Free (RoHS Compliant)

Applications
• Core Voltage Supplies for Intel Pentium® III, AMD® Athlon™
Microprocessors
• High Frequency Low Profile DC/DC Converters
• High Current Low Voltage DC/DC Converters




Similar Part No. - HIP6601BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601BCBZ INTERSIL-HIP6601BCBZ Datasheet
261Kb / 12P
Synchronous Rectified Buck MOSFET Drivers
HIP6601BCBZ INTERSIL-HIP6601BCBZ Datasheet
256Kb / 12P
Drives Two N-Channel MOSFETs
May 1, 2012
logo
Renesas Technology Corp
HIP6601BCBZ RENESAS-HIP6601BCBZ Datasheet
682Kb / 14P
Synchronous Rectified BuckMOSFET Drivers
logo
Intersil Corporation
HIP6601BCBZA INTERSIL-HIP6601BCBZA Datasheet
261Kb / 12P
Synchronous Rectified Buck MOSFET Drivers
HIP6601BCBZA INTERSIL-HIP6601BCBZA Datasheet
256Kb / 12P
Drives Two N-Channel MOSFETs
May 1, 2012
More results


Similar Description - HIP6601BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
Synchronous Rectified Buck MOSFET Drivers
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
Synchronous Rectified Buck MOSFET Drivers
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
August 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com