Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA56 Datasheet (PDF) - Micro Commercial Components

MPSA56 Datasheet PDF - Micro Commercial Components
Part # MPSA56
Download  MPSA56 Download
File Size   340.02 Kbytes
Page   1 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Amplifier Transistor

MPSA56 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSA56 Datasheet PDF - Micro Commercial Components

Part # MPSA56
Download  MPSA56 Click to download

File Size   340.02 Kbytes
Page   1 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Amplifier Transistor

MPSA56 Datasheet (HTML) - Micro Commercial Components


MPSA56 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Capable of 1.5Watts of Power Dissipation.
• Collector-current 500mA
• Collector-base Voltage 80V
• Operating and storage junction temperature range: -55°C to +150°C
• Marking:MPSA55,MPSA56
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
    RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - MPSA56

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA56 MOTOROLA-MPSA56 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA56 ONSEMI-MPSA56 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
NXP Semiconductors
MPSA56 PHILIPS-MPSA56 Datasheet
41Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Zetex Semiconductors
MPSA56 ZETEX-MPSA56 Datasheet
25Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Rohm
MPSA56 ROHM-MPSA56 Datasheet
64Kb / 2P
PNP General Purpose Transistor
More results


Similar Description - MPSA56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5087 ONSEMI-2N5087 Datasheet
300Kb / 8P
Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 1
logo
Motorola, Inc
2N5400 MOTOROLA-2N5400 Datasheet
177Kb / 6P
Amplifier Transistor(PNP Silicon)
logo
ON Semiconductor
MPS4126 ONSEMI-MPS4126 Datasheet
38Kb / 4P
Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 2
MPSA70 ONSEMI-MPSA70 Datasheet
427Kb / 8P
Amplifier Transistor(PNP Silicon)
1996
MPSL51 ONSEMI-MPSL51 Datasheet
187Kb / 6P
Amplifier Transistor(PNP Silicon)
1996
2N5087 ONSEMI-2N5087_07 Datasheet
156Kb / 7P
Amplifier Transistor PNP Silicon
March, 2007 ??Rev. 4
MPS4126 ONSEMI-MPS4126_06 Datasheet
43Kb / 3P
Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
logo
Unisonic Technologies
MMBTA56 UTC-MMBTA56 Datasheet
116Kb / 5P
AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MPS8599 SEMTECH_ELEC-MPS8599 Datasheet
270Kb / 4P
PNP Silicon Amplifier Transistor
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
PNP Silicon Amplifier Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com