Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA94 Datasheet (PDF) - Micro Commercial Components

MPSA94 Datasheet PDF - Micro Commercial Components
Part # MPSA94
Download  MPSA94 Download
File Size   627.0 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon High Voltage Transistor 625mW

MPSA94 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSA94 Datasheet PDF - Micro Commercial Components

Part # MPSA94
Download  MPSA94 Click to download

File Size   627.0 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon High Voltage Transistor 625mW

MPSA94 Datasheet (HTML) - Micro Commercial Components


MPSA94 Product details

Features
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS Compliant. See Ordering Information)




Similar Part No. - MPSA94

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MPSA94 KEC-MPSA94 Datasheet
289Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Central Semiconductor C...
MPSA94 CENTRAL-MPSA94 Datasheet
20Kb / 1P
Small Signal Transistors
logo
Weitron Technology
MPSA94 WEITRON-MPSA94 Datasheet
1Mb / 4P
High-Voltage PNP Transistors
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
HIGH VOLTAGE TRANSISTOR
logo
Diotec Semiconductor
MPSA94 DIOTEC-MPSA94 Datasheet
106Kb / 2P
High voltage Si-epitaxial planar transistors
More results


Similar Description - MPSA94

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC556 MCC-BC556 Datasheet
690Kb / 4P
PNP Silicon Amplifier Transistor 625mW
MPSA44 MCC-MPSA44 Datasheet
660Kb / 3P
NPN Silicon High Voltage Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
NPN Silicon High Voltage Transistor 625mW
2N5401 MCC-2N5401 Datasheet
281Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC556 MCC-BC556_11 Datasheet
294Kb / 5P
PNP Silicon Amplifier Transistor 625mW
MPSA42 MCC-MPSA42_11 Datasheet
244Kb / 4P
NPN Silicon High Voltage Transistor 625mW
MPSA94 MCC-MPSA94_11 Datasheet
235Kb / 3P
PNP Silicon High Voltage Transistor 625mW
2N5401 MCC-2N5401_14 Datasheet
437Kb / 5P
PNP Silicon Amplifier Transistor 625mW
MPSA44 MCC-MPSA44_16 Datasheet
229Kb / 4P
NPN Silicon High Voltage Transistor 625mW
MPSA94 MCC-MPSA94_13 Datasheet
309Kb / 3P
PNP Silicon High Voltage Transistor 625mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com