Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN2907A Datasheet (PDF) - Micro Commercial Components

PN2907A Datasheet PDF - Micro Commercial Components
Part # PN2907A
Download  PN2907A Download
File Size   86.35 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP General Purpose Amplifier

PN2907A Datasheet (PDF)

Go To PDF Page Download Datasheet
PN2907A Datasheet PDF - Micro Commercial Components

Part # PN2907A
Download  PN2907A Click to download

File Size   86.35 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP General Purpose Amplifier

PN2907A Datasheet (HTML) - Micro Commercial Components


PN2907A Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Through Hole Package
• Capable of 600mWatts of Power Dissipation and 600mA Ic
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Marking: Part Number
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Operating and storage junction temperature range:-55°C to +150°C




Similar Part No. - PN2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2907A PHILIPS-PN2907A Datasheet
71Kb / 8P
PNP switching transistor
1997 May 05
logo
STMicroelectronics
PN2907A STMICROELECTRONICS-PN2907A Datasheet
61Kb / 5P
SMALL SIGNAL PNP TRANSISTOR
Feb-2003
logo
Rohm
PN2907A ROHM-PN2907A Datasheet
79Kb / 4P
PNP Medium Power Transistor (Switching)
logo
Fairchild Semiconductor
PN2907A FAIRCHILD-PN2907A Datasheet
58Kb / 6P
PNP General Purpose Amplifier
logo
Hi-Sincerity Mocroelect...
PN2907A HSMC-PN2907A Datasheet
37Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - PN2907A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com