Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1DFL Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

ES1DFL Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # ES1DFL
Download  ES1DFL Download
File Size   362.68 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 200V - 600V Surface Mount Super Fast Rectifiers

ES1DFL Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1DFL Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # ES1DFL
Download  ES1DFL Click to download

File Size   362.68 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 200V - 600V Surface Mount Super Fast Rectifiers

ES1DFL Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


ES1DFL Product details

FEATURES

- Glass passivated junction chip

- Ideal for automated placement

- Low profile package

- Low power loss, high efficiency

- Halogen-free according to IEC 61249-2-21

- Compliant to RoHS Directive 2011/65/EU and

in accordance to WEEE 2002/96/EC



MECHANICALW DATA

Case: SOD-123FL

Molding compound, UL flammability classification rating 94V-0

Moisture sensitivity level: level 1, per J-STD-020

Packing code with suffix "G" means green compound (halogen-free)

Terminal: Matte tin plated leads, solderable per JESD22-B102

Meet JESD 201 class 1A whisker test

Polarity: Indicated by cathode band

Weight: 0.016 g (approximately)




Similar Part No. - ES1DFL

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ES1DFL SUNMATE-ES1DFL Datasheet
321Kb / 2P
SUFACE MOUNT SUPER FAST RECTIFIER DIODE
logo
Guangdong Huixin Electr...
ES1DFL HUIXIN-ES1DFL Datasheet
124Kb / 2P
1.0Amp Super Fast Recovery Surface Mounted Rectifiers
logo
Dongguan Pingjingsemi T...
ES1DFL-PJ PJSEMI-ES1DFL-PJ Datasheet
976Kb / 3P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
More results


Similar Description - ES1DFL

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
Super Fast Recovery Rectifiers(200V 1A)
logo
Taiwan Semiconductor Co...
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DLW TSC-ES1DLW Datasheet
202Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2DF TSC-ES2DF Datasheet
362Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2D-T TSC-ES2D-T Datasheet
371Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Memory Technolog...
ES1A TMT-ES1A_16 Datasheet
366Kb / 4P
1A, 50V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1LD TSC-ES1LD Datasheet
424Kb / 7P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ESH1DM TSC-ESH1DM Datasheet
413Kb / 4P
1A, 200V - 600V Surface Mount Ultrafast Rectifiers
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com