Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6614ACB Datasheet (PDF) - Intersil Corporation

ISL6614ACB Datasheet PDF - Intersil Corporation
Part # ISL6614ACB
Download  ISL6614ACB Download
File Size   275.33 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP

ISL6614ACB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6614ACB Datasheet PDF - Intersil Corporation

Part # ISL6614ACB
Download  ISL6614ACB Click to download

File Size   275.33 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP

ISL6614ACB Datasheet (HTML) - Intersil Corporation


ISL6614ACB Product details

The ISL6614A integrates two ISL6613A MOSFET drivers and
is specifically designed to drive two Channel MOSFETs in a
synchronous rectified buck converter topology. These drivers
combined with HIP63xx or ISL65xx Multi-Phase Buck PWM
controllers and N-Channel MOSFETs form complete core
voltage regulator solutions for advanced microprocessors.
The ISL6614A drives both the upper and lower gates
simultaneously over a range from 5V to 12V. This drive
voltage provides the flexibility necessary to optimize
applications involving trade-offs between gate charge and
conduction losses.
An advanced adaptive zero shoot-through protection is
integrated to prevent both the upper and lower MOSFETs
from conducting simultaneously and to minimize the dead
time. These products add an overvoltage protection feature
operational before VCC exceeds its turn-on threshold, at
which the PHASE node is connected to the gate of the low
side MOSFET (LGATE). The output voltage of the converter
is then limited by the threshold of the low side MOSFET,
which provides some protection to the microprocessor if the
upper MOSFET(s) is shorted during startup.
The ISL6614A also features a three-state PWM input which,
working together with Intersil’s multi-phase PWM controllers,
prevents a negative transient on the output voltage when the
output is shut down. This feature eliminates the Schottky
diode that is used in some systems for protecting the load
from reversed output voltage events.

Features
• Pin-to-pin Compatible with HIP6602 SOIC Family
• Quad N-Channel MOSFET Drives for Two Synchronous
Rectified Bridges
• Advanced Adaptive Zero Shoot-Through Protection
- Body Diode Detection
- Auto-zero of rDS(ON) Conduction Offset Effect
• Adjustable Gate Voltage (5V to 12V) for Optimal Efficiency
• Internal Bootstrap Schottky Diode
• Bootstrap Capacitor Overcharging Prevention
• Supports High Switching Frequency (up to 1MHz)
- 3A Sinking Current Capability
- Fast Rise/Fall Times and Low Propagation Delays
• Three-State PWM Input for Output Stage Shutdown
• Three-State PWM Input Hysteresis for Applications With
Power Sequencing Requirement
• Pre-POR Overvoltage Protection
• VCC Undervoltage Protection
• Expandable Bottom Copper Pad for Enhanced Heat
Sinking
• QFN Package:
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Package Outline
- Near Chip Scale Package Footprint, which Improves
PCB Efficiency and has a Thinner Profile
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Core Regulators for Intel® and AMD® Microprocessors
• High Current DC/DC Converters
• High Frequency and High Efficiency VRM and VRD




Similar Part No. - ISL6614ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6614ACB INTERSIL-ISL6614ACB Datasheet
336Kb / 12P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
January 3, 2006
ISL6614ACB INTERSIL-ISL6614ACB Datasheet
278Kb / 12P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 5, 2008
logo
Renesas Technology Corp
ISL6614ACB RENESAS-ISL6614ACB Datasheet
602Kb / 12P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6614ACBZ INTERSIL-ISL6614ACBZ Datasheet
336Kb / 12P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
January 3, 2006
ISL6614ACBZ INTERSIL-ISL6614ACBZ Datasheet
278Kb / 12P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 5, 2008
More results


Similar Description - ISL6614ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612A INTERSIL-ISL6612A Datasheet
325Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 25, 2005
ISL6614A INTERSIL-ISL6614A_06 Datasheet
336Kb / 12P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
January 3, 2006
ISL6614B INTERSIL-ISL6614B_06 Datasheet
335Kb / 11P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
January 3, 2006
ISL6614A INTERSIL-ISL6614A Datasheet
278Kb / 12P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 5, 2008
ISL6614B INTERSIL-ISL6614B Datasheet
276Kb / 11P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 5, 2008
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
ISL6612BCBZ INTERSIL-ISL6612BCBZ Datasheet
212Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6612B RENESAS-ISL6612B Datasheet
616Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614B RENESAS-ISL6614B Datasheet
577Kb / 11P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com