Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6617AFRZ Datasheet (PDF) - Intersil Corporation

ISL6617AFRZ Datasheet PDF - Intersil Corporation
Part # ISL6617AFRZ
Download  ISL6617AFRZ Download
File Size   490.19 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PWM Doubler with Output Monitoring Feature

ISL6617AFRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6617AFRZ Datasheet PDF - Intersil Corporation

Part # ISL6617AFRZ
Download  ISL6617AFRZ Click to download

File Size   490.19 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PWM Doubler with Output Monitoring Feature

ISL6617AFRZ Datasheet (HTML) - Intersil Corporation


ISL6617AFRZ Product details

The ISL6617A utilizes Intersil’s proprietary Phase Doubler
scheme to modulate two-phase power trains with single PWM
input. It doubles the number of phases that 3.3V multiphase
controllers can support.
The ISL6617A is designed to minimize the number of analog
signals that interface between the controller and drivers in high
phase count scalable applications. The common COMP signal,
which is usually seen in conventional cascaded configurations, is
not required; this improves noise immunity and simplifies the
layout. Furthermore, the ISL6617A provides low part count and
low cost advantage over the conventional cascaded technique.
By cascading the ISL6617A with another ISL6617 or ISL6611A, it
can quadruple the number of phases that 3.3V multiphase
controllers can support.
The ISL6617A also features tri-state input and outputs that
recognize a high-impedance state, working together with Intersil
multiphase PWM controllers and driver stages to prevent
negative transients on the controlled output voltage when
operation is suspended. This feature eliminates the need for the
Schottky diode that may be utilized in a power system to protect
the load from excessive negative output voltage damage.

Features
• Proprietary phase doubler scheme
• Enhanced light to full load efficiency
• Double or quadruple phase count
• Patented current balancing with DCR current sensing and
adjustable gain
• Current monitoring output (IOUT) to simplify system interface
and layout
• Triple-level enable input for mode selection
• Dual PWM output drives for two synchronous rectified bridges
with single PWM input
• Channel synchronization and two interleaving options
• Support 3.3V PWM input
• Support 5V PWM output
• Tri-state PWM input and outputs for output stage shutdown
• Overvoltage protection
• Dual flat no-lead (DFN) package
- Near chip-scale package footprint; improves PCB utilization, thinner profile
- Pb-free (RoHS compliant)

Applications
• High current low voltage DC/DC converters
• High frequency and high efficiency VRM and VRD
• High phase count and phase shedding applications
• 3.3V PWM input integrated power stage or DrMOS




Similar Part No. - ISL6617AFRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6617AFRZ RENESAS-ISL6617AFRZ Datasheet
848Kb / 16P
PWM Doubler with Output Monitoring Feature
More results


Similar Description - ISL6617AFRZ

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5106 CHERRY-CS5106 Datasheet
195Kb / 12P
Multi-Feature, Synchronous plus Auxiliary PWM Controller
Rev. 10/27/98
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842 MAXIM-DS1842_11 Datasheet
216Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
logo
International Rectifier
IR3599 IRF-IR3599 Datasheet
729Kb / 18P
PWM Doubler/Quad Logic 3.3V supply voltage
logo
Intersil Corporation
ISL6617CRZ INTERSIL-ISL6617CRZ Datasheet
633Kb / 15P
PWM Doubler with Phase Shedding Function and Output Monitoring Feature
February 4, 2010
logo
Seiko Instruments Inc
S-1740A10-M5T1U4 SII-S-1740A10-M5T1U4 Datasheet
3Mb / 47P
POWER MONITORING OUTPUT
logo
Renesas Technology Corp
ISL6617 RENESAS-ISL6617 Datasheet
825Kb / 15P
PWM Doubler with Phase Shedding Function and Output Monitoring Feature
ISL6617A RENESAS-ISL6617A Datasheet
848Kb / 16P
PWM Doubler with Output Monitoring Feature
logo
Silicon Laboratories
SI7007-A20-IM1 SILABS-SI7007-A20-IM1 Datasheet
1Mb / 25P
HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com