Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6609 Datasheet (PDF) - Intersil Corporation

ISL6609 Datasheet PDF - Intersil Corporation
Part # ISL6609
Download  ISL6609 Download
File Size   1671.31 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Rectified MOSFET Driver

ISL6609 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6609 Datasheet PDF - Intersil Corporation

Part # ISL6609
Download  ISL6609 Click to download

File Size   1671.31 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Rectified MOSFET Driver

ISL6609 Datasheet (HTML) - Intersil Corporation


ISL6609 Product details

The ISL6609, ISL6609A is a high frequency, MOSFET driver
optimized to drive two N-Channel power MOSFETs in a
synchronous-rectified buck converter topology. This driver
combined with an Intersil ISL63xx or ISL65xx multiphase
PWM controller forms a complete single-stage core-voltage
regulator solution with high efficiency performance at high
switching frequency for advanced microprocessors.
The IC is biased by a single low voltage supply (5V),
minimizing driver switching losses in high MOSFET gate
capacitance and high switching frequency applications.
Each driver is capable of driving a 3nF load with less than
10ns rise/fall time. Bootstrapping of the upper gate driver is
implemented via an internal low forward drop diode,
reducing implementation cost, complexity, and allowing the
use of higher performance, cost effective N-Channel
MOSFETs. Adaptive shoot-through protection is integrated
to prevent both MOSFETs from conducting simultaneously.
The ISL6609, ISL6609A features 4A typical sink current for
the lower gate driver, enhancing the lower MOSFET gate
hold-down capability during PHASE node rising edge,
preventing power loss caused by the self turn-on of the lower
MOSFET due to the high dV/dt of the switching node.
The ISL6609, ISL6609A also features an input that
recognizes a high-impedance state, working together with
Intersil multiphase PWM controllers to prevent negative
transients on the controlled output voltage when operation is
suspended. This feature eliminates the need for the schottky
diode that may be utilized in a power system to protect the
load from negative output voltage damage. In addition, the
ISL6609A’s bootstrap function is designed to prevent the
BOOT capacitor from overcharging, should excessively large
negative swings occur at the transitions of the PHASE node.

Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• 0.4Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise and Fall
- Ultra Low Three-State Hold-Off Time (20ns)
• ISL6605 Replacement with Enhanced Performance
• BOOT Capacitor Overcharge Prevention (ISL6609A)
• Low VF Internal Bootstrap Diode
• Low Bias Supply Current
• Enable Input and Power-On Reset
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile
• Pb-Free (RoHS Compliant)

Applications
• Core Voltage Supplies for Intel® and AMD®
Microprocessors
• High Frequency Low Profile High Efficiency DC/DC
Converters
• High Current Low Voltage DC/DC Converters
• Synchronous Rectification for Isolated Power Supplies




Similar Part No. - ISL6609

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609 INTERSIL-ISL6609 Datasheet
330Kb / 11P
Synchronous Rectified MOSFET Driver
March 6, 2006
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
April 27, 2009
logo
Renesas Technology Corp
ISL6609 RENESAS-ISL6609 Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6609A INTERSIL-ISL6609A Datasheet
330Kb / 11P
Synchronous Rectified MOSFET Driver
March 6, 2006
logo
Renesas Technology Corp
ISL6609A RENESAS-ISL6609A Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
More results


Similar Description - ISL6609

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
Synchronous Rectified MOSFET Driver
January 4, 2005
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
Synchronous Rectified MOSFET Driver
March 2004
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
Synchronous Rectified MOSFET Driver
March 6, 2006
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
Synchronous Rectified MOSFET Driver
January 22, 2010
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
Synchronous Rectified MOSFET Driver
January 22, 2010
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
Synchronous Rectified MOSFET Driver
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
Synchronous Rectified MOSFET Driver
ISL6609 RENESAS-ISL6609 Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com