Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6740A Datasheet (PDF) - Intersil Corporation

ISL6740A Datasheet PDF - Intersil Corporation
Part # ISL6740A
Download  ISL6740A Download
File Size   449.25 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward

ISL6740A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6740A Datasheet PDF - Intersil Corporation

Part # ISL6740A
Download  ISL6740A Click to download

File Size   449.25 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward

ISL6740A Datasheet (HTML) - Intersil Corporation


ISL6740A Product details

The ISL6740A is an enhanced ISL6740 PWM controller
featuring built-in voltage feed forward functionality. It is pin
and feature compatible with the ISL6740 double-ended pulse
width modulating (PWM) voltage-mode controller, allowing
easy drop-in replacement on existing designs.
Voltage feed forward compensates for input voltage variation
without intervention of the feedback control loop. It is
particularly useful in unregulated bus converters and DC
transformers where wide input voltage variation would
otherwise result in large output voltage swings.
In addition to voltage feed forward compensation, the
ISL6740A features an extremely flexible oscillator that allows
precise control of frequency, duty cycle, and deadtime.
Deadtimes of under 40ns are easily achievable.
This advanced BiCMOS design features low operating current,
adjustable switching frequency up to 1MHz, adjustable
soft-start, internal and external over-temperature protection,
fault annunciation, and a bidirectional SYNC signal that allows
the oscillator to be locked to paralleled units or to an external
clock for noise sensitive applications.

Features
• Input Voltage Feed Forward Compensation
• Precision Duty Cycle and Deadtime Control
• Adjustable Delayed Overcurrent Shutdown and Re-Start
• Adjustable Short Circuit Shutdown and Re-Start
• Adjustable Oscillator Frequency Up to 2MHz
• Bidirectional Synchronization
• Adjustable Input Undervoltage Lockout/Inhibit
• Tight Tolerance Voltage Reference Over Line, Load, and
Temperature
• Adjustable Soft-Start
• Fault Signal
• 95µA Startup Current
• Internal Over-Temperature Protection
• System Over-Temperature Protection Using a Thermistor or
Sensor
• Pb-free and ELV, WEEE, RoHS Compliant

Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• DC Transformers and Bus Converters




Similar Part No. - ISL6740A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 7, 2005
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Intersil Corporation
ISL6740AIVZA INTERSIL-ISL6740AIVZA Datasheet
320Kb / 15P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 7, 2005
logo
Renesas Technology Corp
ISL6740AIVZA RENESAS-ISL6740AIVZA Datasheet
660Kb / 14P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Intersil Corporation
ISL6740AIVZA-T INTERSIL-ISL6740AIVZA-T Datasheet
320Kb / 15P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 7, 2005
More results


Similar Description - ISL6740A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 7, 2005
logo
ON Semiconductor
CS51220 ONSEMI-CS51220 Datasheet
470Kb / 16P
Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
July, 2006??Rev. 7
logo
Intersil Corporation
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
Flexible Double Ended Voltage and Current Mode PWM Controllers
July 13, 2007
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com