Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6742 Datasheet (PDF) - Intersil Corporation

ISL6742 Datasheet PDF - Intersil Corporation
Part # ISL6742
Download  ISL6742 Download
File Size   404.6 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced Double-Ended PWM Controller

ISL6742 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6742 Datasheet PDF - Intersil Corporation

Part # ISL6742
Download  ISL6742 Click to download

File Size   404.6 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced Double-Ended PWM Controller

ISL6742 Datasheet (HTML) - Intersil Corporation


ISL6742 Product details

The ISL6742 is a high-performance double-ended PWM
controller with advanced synchronous rectifier control and
current limit features. It is suitable for both current- and
voltage-mode control methods.
The ISL6742 includes complemented PWM outputs for
synchronous rectifier (SR) control. The complemented
outputs may be dynamically advanced or delayed relative to
the main outputs using an external control voltage.
Its advanced current sensing circuitry employs sample and
hold methods to provide a precise average current signal.
Suitable for average current limiting, a technique which
virtually eliminates the current tail-out common to peak
current limiting methods, it is also applicable to current
sharing circuits and average current mode control.
This advanced BiCMOS design features an adjustable
oscillator frequency up to 2MHz, internal over-temperature
protection, precision deadtime control, and short propagation
delays. Additionally, Multi-Pulse Suppression ensures
alternating output pulses at low duty cycles where pulse
skipping may occur.

Features
• Synchronous Rectifier Control Outputs with Adjustable
Delay/Advance
• Adjustable Average Current Signal
• 3% Tolerance Cycle-by-Cycle Peak Current Limit
• Fast Current Sense to Output Delay
• Adjustable Oscillator Frequency Up to 2MHz
• Adjustable Deadtime Control
• Voltage- or Current-Mode Operation
• Separate RAMP and CS Inputs for Voltage Feed-Forward
or Current-Mode Applications
• Tight Tolerance Error Amplifier Reference Over Line,
Load, and Temperature
• 175µA Start-up Current
• Supply UVLO
• Adjustable Soft-Start
• 70ns Leading Edge Blanking
• Multi-Pulse Suppression
• Internal Over-Temperature Protection
• Pb-Free (RoHS Compliant)

Applications
• Half-Bridge, Full-Bridge, Interleaved Forward, and Push-Pull
Converters
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems




Similar Part No. - ISL6742

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
407Kb / 18P
Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742AAZA RENESAS-ISL6742AAZA Datasheet
912Kb / 18P
Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
Advanced Double-Ended PWM Controller
November 3, 2015
More results


Similar Description - ISL6742

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
High Speed Double-Ended PWM Controller
1996 REV 1
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
ADVANCED PWM CONTROLLER
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
Multiple Function Double Ended PWM Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
Advanced Double-Ended PWM Controller
October 31, 2008
logo
ON Semiconductor
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
logo
Intersil Corporation
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
Advanced Double-Ended PWM Controller
January 31, 2014
logo
ON Semiconductor
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
logo
Intersil Corporation
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
Advanced Double-Ended PWM Controller
November 3, 2015
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
Advanced Double-Ended PWM Controller
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
Advanced Double-Ended PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com