Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6744A Datasheet (PDF) - Intersil Corporation

ISL6744A Datasheet PDF - Intersil Corporation
Part # ISL6744A
Download  ISL6744A Download
File Size   345.41 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Intermediate Bus PWM Controller

ISL6744A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6744A Datasheet PDF - Intersil Corporation

Part # ISL6744A
Download  ISL6744A Click to download

File Size   345.41 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Intermediate Bus PWM Controller

ISL6744A Datasheet (HTML) - Intersil Corporation


ISL6744A Product details

The ISL6744A is a low cost, primary side, double-ended
controller intended for applications using full and half-bridge
topologies for unregulated DC/DC converters. It is a voltagemode PWM controller designed for half-bridge and fullbridge power supplies. It provides precise control of
switching frequency, adjustable soft-start, precise deadtime
control with deadtimes as low as 35ns, and overcurrent
shutdown. The ISL6744A is identical to the ISL6744, but is
optimized for higher noise environments.
Low start-up and operating currents allow for easy biasing in
both AC/DC and DC/DC applications. This advanced
BiCMOS design features low start-up and operating
currents, adjustable switching frequency up to 1MHz, 1A
FET drivers, and very low propagation delays for a fast
response to overcurrent faults.

Features
• Precision Duty Cycle and Deadtime Control
• 100µA Start-up Current
• Adjustable Delayed Overcurrent Shutdown and Restart
• Adjustable Oscillator Frequency Up to 2MHz
• 1A MOSFET Gate Drivers
• Adjustable Soft-Start
• Internal Over Temperature Protection
• 35ns Control to Output Propagation Delay
• Small Size and Minimal External Component Count
• Input Undervoltage Protection
• Pb-Free (RoHS Compliant)

Applications
• Telecom and Datacom Isolated Power
• DC Transformers
• Bus Converters




Similar Part No. - ISL6744A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
Intermediate Bus PWM Controller
October 8, 2007
logo
Renesas Technology Corp
ISL6744A RENESAS-ISL6744A Datasheet
1Mb / 27P
Intermediate Bus PWM Controller
logo
Intersil Corporation
ISL6744AABZ INTERSIL-ISL6744AABZ Datasheet
344Kb / 18P
Intermediate Bus PWM Controller
October 8, 2007
logo
Renesas Technology Corp
ISL6744AABZ RENESAS-ISL6744AABZ Datasheet
1Mb / 27P
Intermediate Bus PWM Controller
logo
Intersil Corporation
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
344Kb / 18P
Intermediate Bus PWM Controller
October 8, 2007
More results


Similar Description - ISL6744A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDP610 IXYS-IXDP610 Datasheet
181Kb / 8P
Bus Compatible Digital PWM Controller, IXDP 610
logo
Intersil Corporation
ISL6744 INTERSIL-ISL6744 Datasheet
403Kb / 18P
Intermediate Bus PWM Controller
September 22, 2005
logo
Texas Instruments
UCC28230 TI-UCC28230 Datasheet
264Kb / 7P
Advanced PWM Controller For Bus Converters
UCC28230_0806 TI-UCC28230_0806 Datasheet
2Mb / 46P
Advanced PWM Controller for Bus Converters
logo
Intersil Corporation
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
Intermediate Bus PWM Controller
October 8, 2007
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
Intermediate Bus PWM Controller
September 22, 2005
logo
Texas Instruments
UCC28230 TI-UCC28230_15 Datasheet
2Mb / 50P
Advanced PWM Controller for Bus Converters
logo
Altera Corporation
EC2630QI ALTERA-EC2630QI Datasheet
315Kb / 13P
Intermediate Voltage Bus Converter
logo
Renesas Technology Corp
ISL6744 RENESAS-ISL6744 Datasheet
788Kb / 18P
Intermediate Bus PWM Controller
ISL6744A RENESAS-ISL6744A Datasheet
1Mb / 27P
Intermediate Bus PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com