Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6752 Datasheet (PDF) - Intersil Corporation

ISL6752 Datasheet PDF - Intersil Corporation
Part # ISL6752
Download  ISL6752 Download
File Size   463.92 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control

ISL6752 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6752 Datasheet PDF - Intersil Corporation

Part # ISL6752
Download  ISL6752 Click to download

File Size   463.92 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control

ISL6752 Datasheet (HTML) - Intersil Corporation


ISL6752 Product details

The ISL6752 is a high-performance, low-pin-count alternative
zero-voltage switching (ZVS) full-bridge PWM controller. Like
Intersil’s ISL6551, it achieves ZVS operation by driving the
upper bridge FETs at a fixed 50% duty cycle while the lower
bridge FETs are trailing-edge modulated with adjustable
resonant switching delays. Compared to the more familiar
phase-shifted control method, this algorithm offers equivalent
efficiency and improved overcurrent and light-load performance
with less complexity in a lower pin count package.
The ISL6752 features complemented PWM outputs for
synchronous rectifier (SR) control. The complemented
outputs may be dynamically advanced or delayed relative to
the PWM outputs using an external control voltage.
This advanced BiCMOS design features precision deadtime
and resonant delay control, and an oscillator adjustable to
2MHz operating frequency. Additionally, Multi-Pulse
Suppression ensures alternating output pulses at low duty
cycles where pulse skipping may occur.

Features
• Adjustable Resonant Delay for ZVS Operation
• Synchronous Rectifier Control Outputs with Adjustable
Delay/Advance
• Current-Mode Control
• 3% Current Limit Threshold
• Adjustable Deadtime Control
• 175µA Start-up Current
• Supply UVLO
• Adjustable Oscillator Frequency Up to 2MHz
• Internal Over-Temperature Protection
• Buffered Oscillator Sawtooth Output
• Fast Current Sense to Output Delay
• Adjustable Cycle-by-Cycle Peak Current Limit
• 70ns Leading Edge Blanking
• Multi-Pulse Suppression
• Pb-Free (RoHS Compliant)

Applications
• ZVS Full-Bridge Converters
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems




Similar Part No. - ISL6752

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752 Datasheet
447Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
April 4, 2006
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 RENESAS-ISL6752 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
More results


Similar Description - ISL6752

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
April 4, 2006
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL78223 INTERSIL-ISL78223 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
January 2, 2013
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
536Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com