Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6754 Datasheet (PDF) - Intersil Corporation

ISL6754 Datasheet PDF - Intersil Corporation
Part # ISL6754
Download  ISL6754 Download
File Size   536.66 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control

ISL6754 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6754 Datasheet PDF - Intersil Corporation

Part # ISL6754
Download  ISL6754 Click to download

File Size   536.66 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control

ISL6754 Datasheet (HTML) - Intersil Corporation


ISL6754 Product details

The ISL6754 is a high-performance extension of the Intersil
family of zero-voltage switching (ZVS) full-bridge PWM
controllers. Like the ISL6752, it achieves ZVS operation by
driving the upper bridge FETs at a fixed 50% duty cycle while
the lower bridge FETs are trailing-edge modulated with
adjustable resonant switching delays.
Adding to the ISL6752’s feature set are average current
monitoring and soft-start. The average current signal may be
used for average current limiting, current sharing circuits and
average current mode control. Additionally, the ISL6754
supports both voltage- and current-mode control.
The ISL6754 features complemented PWM outputs for
synchronous rectifier (SR) control. The complemented
outputs may be dynamically advanced or delayed relative to
the PWM outputs using an external control voltage.
This advanced BiCMOS design features precision deadtime
and resonant delay control, and an oscillator adjustable to
2MHz operating frequency. Additionally, Multi-Pulse
Suppression ensures alternating output pulses at low duty
cycles where pulse skipping may occur.

Features
• Adjustable Resonant Delay for ZVS Operation
• Synchronous Rectifier Control Outputs with Adjustable
Delay/Advance
• Voltage- or Current-Mode Control
• 3% Current Limit Threshold
• Adjustable Average Current Limit
• Adjustable Deadtime Control
• 175µA Start-up Current
• Supply UVLO
• Adjustable Oscillator Frequency Up to 2MHz
• Internal Over-Temperature Protection
• Buffered Oscillator Sawtooth Output
• Fast Current Sense to Output Delay
• Adjustable Cycle-by-Cycle Peak Current Limit
• 70ns Leading Edge Blanking
• Multi-Pulse Suppression
• Pb-Free (RoHS Compliant)

Applications
• ZVS Full-Bridge Converters
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems




Similar Part No. - ISL6754

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
logo
Renesas Technology Corp
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
539Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
logo
Renesas Technology Corp
ISL6754AAZA RENESAS-ISL6754AAZA Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754DBEVAL1Z RENESAS-ISL6754DBEVAL1Z Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
More results


Similar Description - ISL6754

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
April 4, 2006
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL78223 INTERSIL-ISL78223 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
January 2, 2013
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
ZVS Full Bridge PWM Controller
April 30, 2015
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com