Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8271M Datasheet (PDF) - Intersil Corporation

ISL8271M Datasheet PDF - Intersil Corporation
Part # ISL8271M
Download  ISL8271M Download
File Size   1198.3 Kbytes
Page   51 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital DC/DC PMBus 33A Module

ISL8271M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8271M Datasheet PDF - Intersil Corporation

Part # ISL8271M
Download  ISL8271M Click to download

File Size   1198.3 Kbytes
Page   51 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital DC/DC PMBus 33A Module

ISL8271M Datasheet (HTML) - Intersil Corporation


ISL8271M Product details

The ISL8271M is a 33A step-down DC/DC power supply module
with integrated digital PWM controller, synchronous power
switches, an inductor and passives. Only bulk input and output
capacitors are needed to finish the design. The 33A of
continuous output current can be delivered without a need of
airflow or a heatsink. The thermally enhanced HDA module is
capable of dissipating heat directly into the PCB.
The ISL8271M uses ChargeMode™ control architecture, which
responds to a transient load within a single switching cycle.
The ISL8271M comes with a preprogrammed configuration for
operating in a pin strap mode; output voltage, switching
frequency and device SMBus address can be programmed
with external resistors. More configuration such as soft-start
and fault limits can be easily programmed or changed via
PMBus compliant serial bus interface. PMBus can be used to
monitor voltages, current, temperatures and fault status. The
ISL8271M is supported by PowerNavigator™ software, a
graphical user interface (GUI) that can be used to configure
modules to a desired solution.
The ISL8271M is available in a 40-pin compact 17mmx19mm
HDA module with very low profile height of 3.55mm, suitable
for automated assembly by standard surface mount
equipment. The ISL8271M is RoHS compliant by exemption.

Features
• Complete digital switch mode power supply
- Wide VIN range: 4.5V to 14V
- Programmable VOUT range: 0.6V to 5V
• PMBus compliant I2C communication interface
- Programmable VOUT, margining, UV/OV, IOUT limit,
soft-start/stop, sequencing and external synchronization
- Monitor: VIN, VOUT, IOUT, temperature, duty cycle,
switching frequency and faults
• ChargeMode control architecture
• ±1.0% VOUT accuracy over line, load and temperature
• Power-Good indicator
• Over-temperature protection
• Internal nonvolatile memory and fault logging
• Patented thermally enhanced HDA package

Applications
• Server, telecom, storage and datacom
• Industrial/ATE and networking equipment
• General purpose power for ASIC, FPGA, DSP and memory




Similar Part No. - ISL8271M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
Digital DC/DC PMBus 33A Module
ISL8271MAIRZ RENESAS-ISL8271MAIRZ Datasheet
2Mb / 57P
Digital DC/DC PMBus 33A Module
ISL8271MBIRZ RENESAS-ISL8271MBIRZ Datasheet
2Mb / 57P
Digital DC/DC PMBus 33A Module
ISL8271MEVAL1Z RENESAS-ISL8271MEVAL1Z Datasheet
2Mb / 57P
Digital DC/DC PMBus 33A Module
More results


Similar Description - ISL8271M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
Digital DC/DC PMBus 12A Module
January 26, 2011
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
Digital DC/DC PMBus 12A Module
April 8, 2011
ISL28288 INTERSIL-ISL28288_11 Datasheet
995Kb / 17P
Digital DC/DC PMBus 12A Module
July 26, 2011
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
Digital DC/DC PMBus 25A Module
July 2, 2015
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
Digital DC/DC PMBus 17A Module
December 16, 2014
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
Digital DC/DC PMBus 33A Module
ISL8278M RENESAS-ISL8278M Datasheet
2Mb / 56P
Digital DC/DC PMBus 33A Module
ZL9024M RENESAS-ZL9024M Datasheet
2Mb / 73P
Digital DC/DC PMBus 33A Module
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com