Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2G Datasheet (PDF) - Micro Commercial Components

S2G Datasheet PDF - Micro Commercial Components
Part # S2G
Download  S2G Download
File Size   619.83 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2 Amp Silicon Rectifier 50 to 1000 Volts

S2G Datasheet (PDF)

Go To PDF Page Download Datasheet
S2G Datasheet PDF - Micro Commercial Components

Part # S2G
Download  S2G Click to download

File Size   619.83 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 2 Amp Silicon Rectifier 50 to 1000 Volts

S2G Datasheet (HTML) - Micro Commercial Components


S2G Product details

Features

• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)

• For Surface Mount Applications

• Low Thermal Resistance

• Easy Pick And Place

• High Temp Soldering: 260°C for 10 Seconds At Terminals

• Epoxy meets UL 94 V-0 flammability rating

• Moisture Sensitivity Level 1

• Power Dissipation : 2.35W



 




Similar Part No. - S2G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2G PANJIT-S2G Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2G SURGE-S2G Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2G TRSYS-S2G Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S2G JGD-S2G Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S2G SSE-S2G Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Similar Description - S2G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2A01 MCC-2A01 Datasheet
419Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
RL201 MCC-RL201_11 Datasheet
208Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_11 Datasheet
243Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S2A-TP MCC-S2A-TP Datasheet
276Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
RL206-TP MCC-RL206-TP Datasheet
234Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S2B-TP MCC-S2B-TP Datasheet
273Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
2 Amp Silicon Rectifier 50 to 1000 Volts
RL201-DO15 YFWDIODE-RL201-DO15 Datasheet
444Kb / 3P
2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
2A01 MCC-2A01_13 Datasheet
440Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
S2A LEIDITECH-S2A Datasheet
496Kb / 3P
2 Amp Silicon Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com