Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5M Datasheet (PDF) - Micro Commercial Components

S5M Datasheet PDF - Micro Commercial Components
Part # S5M
Download  S5M Download
File Size   345.21 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 5 Amp Silicon Rectifier 50 to 1000 Volts

S5M Datasheet (PDF)

Go To PDF Page Download Datasheet
S5M Datasheet PDF - Micro Commercial Components

Part # S5M
Download  S5M Click to download

File Size   345.21 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 5 Amp Silicon Rectifier 50 to 1000 Volts

S5M Datasheet (HTML) - Micro Commercial Components


S5M Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)
• For Surface Mount Applications
• Extremely Low Thermal Resistance
• High Current Capability
• High Temp Soldering: 260°C for 10 Seconds At Terminals
• Case Material: Molded Plastic. UL Flammability
   Classification Rating 94V-0and MSL rating 1




Similar Part No. - S5M

ManufacturerPart #DatasheetDescription
logo
Semikron International
S5M SEMIKRON-S5M Datasheet
113Kb / 2P
Standard silicon rectifier diodes
logo
Won-Top Electronics
S5M WTE-S5M Datasheet
51Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S5M TSC-S5M Datasheet
53Kb / 2P
5.0 AMPS. Surface Mount Rectifiers
logo
Diotec Semiconductor
S5M DIOTEC-S5M Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
S5M SEMIKRON-S5M Datasheet
117Kb / 2P
Surface mount diode
More results


Similar Description - S5M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5AL MCC-S5AL Datasheet
76Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
GS1A MCC-GS1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
GS1A-TPS05 MCC-GS1A-TPS05 Datasheet
287Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
S1A MCC-S1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_11 Datasheet
243Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S5A MCC-S5A_08 Datasheet
224Kb / 5P
5 Amp Silicon Rectifier 50 to 1000 Volts
S6A MCC-S6A_08 Datasheet
191Kb / 5P
6 Amp Silicon Rectifier 50 to 1000 Volts
S5AL MCC-S5AL_11 Datasheet
264Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
S5AL MCC-S5AL_13 Datasheet
185Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
S5AL LEIDITECH-S5AL Datasheet
600Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com