Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK52 Datasheet (PDF) - Micro Commercial Components

SK52 Datasheet PDF - Micro Commercial Components
Part # SK52
Download  SK52 Download
File Size   93.96 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 5 Amp Schottky Rectifier 20 to 100 Volts

SK52 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK52 Datasheet PDF - Micro Commercial Components

Part # SK52
Download  SK52 Click to download

File Size   93.96 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 5 Amp Schottky Rectifier 20 to 100 Volts

SK52 Datasheet (HTML) - Micro Commercial Components


SK52 Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)
• For Surface Mount Applications
• High Current Capability With Low Forward Voltage
• Easy Pick And Place
• High Temp Soldering: 260°C for 10 Seconds At Terminals
• Case Material: Molded Plastic. UL Flammability
   Classification Rating 94V-0 and MSL rating 1




Similar Part No. - SK52

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Diotec Semiconductor
SK52 DIOTEC-SK52 Datasheet
54Kb / 2P
Surface Mount Schottky-Rectifiers
SK52 DIOTEC-SK52 Datasheet
100Kb / 2P
Surface Mount Schottky Rectifier Diodes
logo
Won-Top Electronics
SK52 WTE-SK52 Datasheet
45Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diotec Semiconductor
SK52 DIOTEC-SK52 Datasheet
104Kb / 2P
Surface Mount Schottky Rectifiers
More results


Similar Description - SK52

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK52L MCC-SK52L Datasheet
621Kb / 3P
5 Amp Schottky Rectifier 20 to 100 Volts
SK52 MCC-SK52_08 Datasheet
604Kb / 5P
5 Amp Schottky Rectifier 20 to 100 Volts
SK52B-L MCC-SK52B-L Datasheet
265Kb / 4P
5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L_11 Datasheet
265Kb / 4P
5 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK54B-LTP MCC-SK54B-LTP Datasheet
302Kb / 4P
5 Amp Schottky Rectifier 20 to 100 Volts
SK56B-LTP MCC-SK56B-LTP Datasheet
302Kb / 4P
5 Amp Schottky Rectifier 20 to 100 Volts
SK52A-L MCC-SK52A-L Datasheet
230Kb / 4P
5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L_15 Datasheet
202Kb / 4P
5 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK52B-L LEIDITECH-SK52B-L Datasheet
359Kb / 3P
5 Amp Schottky Rectifier 20 to 100 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com