Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL55004 Datasheet (PDF) - Intersil Corporation

ISL55004 Datasheet PDF - Intersil Corporation
Part # ISL55004
Download  ISL55004 Download
File Size   512.12 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier

ISL55004 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55004 Datasheet PDF - Intersil Corporation

Part # ISL55004
Download  ISL55004 Click to download

File Size   512.12 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier

ISL55004 Datasheet (HTML) - Intersil Corporation


ISL55004 Product details

The ISL55004 is a high speed, low power, low cost
monolithic operational amplifier. The ISL55004 is unity-gain
stable and features a 300V/µs slew rate and 200MHz
bandwidth while requiring only 8.5mA of supply current per
amplifier.
The power supply operating range of the ISL55004 is from
±15V down to ±2.5V. For single-supply operation, the
ISL55004 operates from 30V down to 5V.
The ISL55004 also features an extremely wide output
voltage swing of -12.75V/+13.4V with VS = ±15V and
RL = 1kΩ.
At a gain of +1, the ISL55004 has a -3dB bandwidth of
200MHz with a phase margin of 55°. Because of its
conventional voltage-feedback topology, the ISL55004 allow
the use of reactive or non-linear elements in its feedback
network. This versatility combined with low cost and 140mA
of output-current drive makes the ISL55004 an ideal choice
for price-sensitive applications requiring low power and high
speed.

Features
• 200MHz -3dB bandwidth
• Unity-gain stable
• Low supply current: 8.5mA per amplifier
• Wide supply range: ±2.5V to ±15V dual-supply and 5V to
30V single-supply
• High slew rate: 300V/µs
• Fast settling: 75ns to 0.1% for a 10V step
• Wide output voltage swing: -12.75V/+13.4V with
VS = ±15V, RL = 1kΩ
• Enhanced replacement for EL2444
• Pb-free plus anneal available (RoHS compliant)

Applications
• Video amplifiers
• Single-supply amplifiers
• Active filters/integrators
• High speed sample-and-hold
• High speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
• Photo multiplier amplifiers
• Difference amplifiers




Similar Part No. - ISL55004

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55004 INTERSIL-ISL55004 Datasheet
699Kb / 14P
High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
July 15, 2005
ISL55004 INTERSIL-ISL55004 Datasheet
508Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55004IB INTERSIL-ISL55004IB Datasheet
699Kb / 14P
High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
July 15, 2005
ISL55004IB INTERSIL-ISL55004IB Datasheet
508Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
More results


Similar Description - ISL55004

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
July 15, 2005
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
200MHz Unity-Gain Stable Operational Amplifier
September 26, 2001
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com