Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53289 Datasheet (PDF) - Micropac Industries

53289 Datasheet PDF - Micropac Industries
Part # 53289
Download  53289 Download
File Size   48.57 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 0 to 115 V, 100-200 mA

53289 Datasheet (PDF)

Go To PDF Page Download Datasheet
53289 Datasheet PDF - Micropac Industries

Part # 53289
Download  53289 Click to download

File Size   48.57 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 0 to 115 V, 100-200 mA

53289 Datasheet (HTML) - Micropac Industries




Similar Part No. - 53289

ManufacturerPart #DatasheetDescription
logo
Carclo Technical Plasti...
5328 COIL-5328 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Festo Corporation.
532802 FESTO-532802 Datasheet
85Kb / 1P
Active carbon filter
logo
Aavid, Thermal Division...
532802B02500G AAVID-532802B02500G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
logo
Festo Corporation.
532811 FESTO-532811 Datasheet
83Kb / 1P
Fine filter
532812 FESTO-532812 Datasheet
83Kb / 1P
Fine filter
More results


Similar Description - 53289

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
M25FG VMI-M25FG Datasheet
96Kb / 2P
2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 200 ns Recovery Time
X25FG VMI-X25FG Datasheet
94Kb / 2P
2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
logo
Tyco Electronics
D-25BD MACOM-D-25BD Datasheet
76Kb / 1P
3PDT, 100 Amps, 115/200 VAC, 400 Hz
logo
WILLAS ELECTRONIC CORP
BSS84WT1 WILLAS-BSS84WT1 Datasheet
309Kb / 4P
Small Signal MOSFET 115 mA, 60 V
logo
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
logo
WILLAS ELECTRONIC CORP
2N7002WT1 WILLAS-2N7002WT1 Datasheet
374Kb / 5P
Small Signal MOSFET 115 mA, 60 V
logo
Keysight Technologies
M9186A KEYSIGHT-M9186A Datasheet
453Kb / 8P
16-bit, 16 V at 200 mA 100 V at 20 mA
logo
PHOENIX CONTACT
2727831 PHOENIX-2727831 Datasheet
149Kb / 6P
Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 짹20 mA, 0-10 V, 짹10 V, (also 0-40 mA, 짹40 mA, 0-5 V, 짹5 V, 0-25 V, 짹25 V, 0-50 V), 2-conductor connection method
logo
STMicroelectronics
STHV64SW STMICROELECTRONICS-STHV64SW Datasheet
2Mb / 3P
64-channel (±100 V / -200 to 0 V / 0 to 200 V), low harmonic distortion, high voltage analog independent switches
01-Mar-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com