Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66312 Datasheet (PDF) - Micropac Industries

66312 Datasheet PDF - Micropac Industries
Part # 66312
Download  66312 Download
File Size   133.98 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 15 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR

66312 Datasheet (PDF)

Go To PDF Page Download Datasheet
66312 Datasheet PDF - Micropac Industries

Part # 66312
Download  66312 Click to download

File Size   133.98 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 15 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR

66312 Datasheet (HTML) - Micropac Industries




Similar Part No. - 66312

ManufacturerPart #DatasheetDescription
logo
Mersen
6631 MERSEN-6631 Datasheet
112Kb / 2P
Class K-5
logo
Micropac Industries
66311 MICROPAC-66311 Datasheet
134Kb / 2P
7.5 kv HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
66313 MICROPAC-66313 Datasheet
133Kb / 2P
25 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
logo
Turck, Inc.
6631382 TURCK-6631382 Datasheet
401Kb / 3P
Linear Position Sensor – For Analog Monitoring of Pneumatic Cylinders
11/07/2023
6631382 TURCK-6631382 Datasheet
1Mb / 5P
Magnetically Actuated Linear Position Sensor
11/07/2023
More results


Similar Description - 66312

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66099 MICROPAC-66099 Datasheet
87Kb / 2P
HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
66311 MICROPAC-66311 Datasheet
134Kb / 2P
7.5 kv HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
66313 MICROPAC-66313 Datasheet
133Kb / 2P
25 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
66314 MICROPAC-66314 Datasheet
82Kb / 2P
35 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
66320 MICROPAC-66320 Datasheet
119Kb / 2P
15 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66324 MICROPAC-66324 Datasheet
127Kb / 2P
15 kV HIGH VOLTAGE, 6N140 TYPE HIGH SPEED ISOLATOR
66328 MICROPAC-66328 Datasheet
113Kb / 2P
15 kV HIGH VOLTAGE, 4N55 TYPE HIGH SPEED ISOLATOR
66348 MICROPAC-66348 Datasheet
73Kb / 3P
15 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71710M RENESAS-ISL71710M Datasheet
2Mb / 26P
Radiation Tolerant Active-Input High Speed Digital Isolator
Mar 11, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com