Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN017-30PL Datasheet (PDF) - NXP Semiconductors

PSMN017-30PL Datasheet PDF - NXP Semiconductors
Part # PSMN017-30PL_15
Download  PSMN017-30PL Download
File Size   199.82 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description N-channel 30 V 17 m廓 logic level MOSFET in TO220

PSMN017-30PL Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN017-30PL Datasheet PDF - NXP Semiconductors

Part # PSMN017-30PL_15
Download  PSMN017-30PL Click to download

File Size   199.82 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description N-channel 30 V 17 m廓 logic level MOSFET in TO220

PSMN017-30PL Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PSMN017-30PL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN017-30PL NEXPERIA-PSMN017-30PL Datasheet
795Kb / 14P
N-channel 30 V 17 m廓 logic level MOSFET in TO220
logo
Inchange Semiconductor ...
PSMN017-30PL ISC-PSMN017-30PL Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - PSMN017-30PL_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R5-30YL NXP-PSMN1R5-30YL Datasheet
428Kb / 15P
N-channel 30 V 1.5 m廓 logic level MOSFET in LFPAK
Rev. 01-9 April 2010
PSMN017-80PS NXP-PSMN017-80PS Datasheet
253Kb / 14P
N-channel 80 V 17 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN017-30BL PHILIPS-PSMN017-30BL_15 Datasheet
198Kb / 14P
N-channel 30 V 17 m廓 logic level MOSFET in D2PAK
Rev. 2-3 April 2012
PSMN017-30EL PHILIPS-PSMN017-30EL_15 Datasheet
194Kb / 14P
N-channel 30 V 17 m廓 logic level MOSFET in I2PAK
Rev. 2-3 April 2012
logo
Nexperia B.V. All right...
BUK9K17-60E NEXPERIA-BUK9K17-60E Datasheet
750Kb / 13P
Dual N-channel 60 V, 17 m廓 logic level MOSFET
PSMN017-30PL NEXPERIA-PSMN017-30PL Datasheet
795Kb / 14P
N-channel 30 V 17 m廓 logic level MOSFET in TO220
PSMN017-30LL NEXPERIA-PSMN017-30LL Datasheet
483Kb / 16P
N-channel DFN3333-8 30 V 17 m廓 logic level MOSFET
PSMN017-30EL NEXPERIA-PSMN017-30EL Datasheet
794Kb / 14P
N-channel 30 V 17 m廓 logic level MOSFET in I2PAK
BUK9M17-30E NEXPERIA-BUK9M17-30E Datasheet
724Kb / 13P
N-channel 30 V, 17 m廓 logic level MOSFET in LFPAK33
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com