Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2-24044 Datasheet (PDF) - Intersil Corporation

D2-24044 Datasheet PDF - Intersil Corporation
Part # D2-24044
Download  D2-24044 Download
File Size   337.8 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Audio Amplifier Power Stage

D2-24044 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2-24044 Datasheet PDF - Intersil Corporation

Part # D2-24044
Download  D2-24044 Click to download

File Size   337.8 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Audio Amplifier Power Stage

D2-24044 Datasheet (HTML) - Intersil Corporation


D2-24044 Product details

The D2-24044 device is a high performance, integrated
Class-D amplifier power stage. The four power stage
outputs are configurable as four separate Half-Bridge
outputs, as two Full-Bridge outputs, or combinations of
Half-Bridge and Full-Bridge. Individual power stage
overload monitoring, on-chip temperature monitoring,
and common alert logic outputs provide protection to
integrate with the final system’s controller.

Features
• All Digital Class-D Power Stage
• 4 Configurable Power Stage Outputs Supporting:
- 2 Channels, Bridged
- 4 Channels, Half-Bridge
- 2 Channels, Half-Bridge, plus 1 Channel Bridged
• Output Power (Bridged)
- 25W (8Ω, <1% THD)
- 30W (8Ω, <10% THD)
• Single HV Supply - Wide 9V-26V Range
- Gate Drive Supply Internally-Generated
• Individual Channel Protection Monitoring
• Temperature and Undervoltage Monitoring
• Efficient 38 Ld HTSSOP Package




Similar Part No. - D2-24044

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-24044 INTERSIL-D2-24044 Datasheet
341Kb / 20P
Digital Audio Amplifier Power Stage
September 3, 2010
logo
Renesas Technology Corp
D2-24044 RENESAS-D2-24044 Datasheet
824Kb / 20P
Digital Audio Amplifier Power Stage
logo
Intersil Corporation
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
341Kb / 20P
Digital Audio Amplifier Power Stage
September 3, 2010
logo
Renesas Technology Corp
D2-24044-MR RENESAS-D2-24044-MR Datasheet
824Kb / 20P
Digital Audio Amplifier Power Stage
D2-24044-MR RENESAS-D2-24044-MR Datasheet
1Mb / 22P
D2-IPS Audio SOC Digital Audio Amplifier Power Stage
Rev 1.00 Mar 18, 2019
More results


Similar Description - D2-24044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
DIGITAL AMPLIFIER POWER STAGE
TAS5121 TI-TAS5121 Datasheet
321Kb / 17P
DIGITAL AMPLIFIER POWER STAGE
TAS5111 TI-TAS5111 Datasheet
202Kb / 16P
DIGITAL AMPLIFIER POWER STAGE
TAS5100A TI-TAS5100A_07 Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
logo
Intersil Corporation
D2-24044 INTERSIL-D2-24044 Datasheet
341Kb / 20P
Digital Audio Amplifier Power Stage
September 3, 2010
logo
Texas Instruments
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI1-TAS5112_16 Datasheet
271Kb / 20P
DIGITAL AMPLIFIER POWER STAGE
logo
Renesas Technology Corp
D2-24044 RENESAS-D2-24044 Datasheet
824Kb / 20P
Digital Audio Amplifier Power Stage
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com