Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5420CLZ Datasheet (PDF) - Intersil Corporation

EL5420CLZ Datasheet PDF - Intersil Corporation
Part # EL5420CLZ
Download  EL5420CLZ Download
File Size   494.71 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz Rail-to-Rail Input-Output Op Amps

EL5420CLZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5420CLZ Datasheet PDF - Intersil Corporation

Part # EL5420CLZ
Download  EL5420CLZ Click to download

File Size   494.71 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz Rail-to-Rail Input-Output Op Amps

EL5420CLZ Datasheet (HTML) - Intersil Corporation


EL5420CLZ Product details

The EL5120, EL5220, and EL5420 are low power, high
voltage, rail-to-rail input-output amplifiers. The EL5120
contains a single amplifier, the EL5220 contains two
amplifiers, and the EL5420 contains four amplifiers.
Operating on supplies ranging from 5V to 15V, while
consuming only 500µA per amplifier, the EL5120, EL5220,
and EL5420 have a bandwidth of 12MHz (-3dB). They also
provide common mode input ability beyond the supply rails,
as well as rail-to-rail output capability. This enables these
amplifiers to offer maximum dynamic range at any supply
voltage.
The EL5120, EL5220, and EL5420 also feature fast slewing
and settling times, as well as a high output drive capability of
30mA (sink and source). These features make these
amplifiers ideal for use as voltage reference buffers in Thin
Film Transistor Liquid Crystal Displays (TFT-LCD). Other
applications include battery power, portable devices, and
anywhere low power consumption is important.
The EL5420 is available in the space-saving 14 Ld TSSOP
package, the industry-standard 14 Ld SOIC package, as well
as the 16 Ld QFN package. The EL5220 is available in the
8 Ld MSOP package and the 8Ld DFN package. The
EL5120 is available in the 5 Ld TSOT package. All feature a
standard operational amplifier pin out. These amplifiers are
specified for operation with an ambient and junction
temperature range of -40°C to +125°C.

Features
• 12MHz -3dB Bandwidth
• Supply Voltage = 4.5V to 16.5V
• Low Supply Current (per Amplifier) = 500µA
• High Slew Rate = 10V/µs
• Unity-Gain Stable
• Beyond the Rails Input Capability
• Rail-to-Rail Output Swing
• Ultra-Small Package
• Pb-Free Available (RoHS Compliant)

Applications
• TFT-LCD Drive Circuits
• Electronics Notebooks
• Electronics Games
• Touch-Screen Displays
• Personal Communication Devices
• Personal Digital Assistants (PDA)
• Portable Instrumentation
• Sampling ADC Amplifiers
• Wireless LANs
• Office Automation
• Active Filters
• ADC/DAC Buffer




Similar Part No. - EL5420CLZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420CLZ INTERSIL-EL5420CLZ Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5420CLZ RENESAS-EL5420CLZ Datasheet
938Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5420CLZ-T13 INTERSIL-EL5420CLZ-T13 Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
EL5420CLZ-T7 INTERSIL-EL5420CLZ-T7 Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
More results


Similar Description - EL5420CLZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
30MHz Rail-to-Rail Input-Output Op Amps
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
30MHz Rail-to-Rail Input-Output Op Amps
May 6, 2005
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amps
October 29, 2004
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
January 10, 2007
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
30MHz Rail-to-Rail Input-Output Op Amps
July 5, 2007
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
60MHz Rail-to-Rail Input-Output Op Amps
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com