Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5420TILZ Datasheet (PDF) - Intersil Corporation

EL5420TILZ Datasheet PDF - Intersil Corporation
Part # EL5420TILZ
Download  EL5420TILZ Download
File Size   430.61 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz Rail-to-Rail Input-Output Operational Amplifier

EL5420TILZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5420TILZ Datasheet PDF - Intersil Corporation

Part # EL5420TILZ
Download  EL5420TILZ Click to download

File Size   430.61 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz Rail-to-Rail Input-Output Operational Amplifier

EL5420TILZ Datasheet (HTML) - Intersil Corporation


EL5420TILZ Product details

The EL5420T is a low power, high voltage rail-to-rail
input-output amplifier. The EL5420T contains four amplifiers.
Each amplifier exhibits beyond the rail input capability,
rail-to-rail output capability and is unity gain stable.
The maximum operating voltage range is from 4.5V to 19V. It
can be configured for single or dual supply operation, and
typically consumes only 500µA per amplifier. The EL5420T
has an output short circuit capability of ±200mA and a
continuous output current capability of ±70mA.
The EL5420T features a slew rate of 12V/µs. Also, the
device provides common mode input capability beyond the
supply rails, rail-to-rail output capability, and a bandwidth of
12MHz (-3dB). This enables the amplifiers to offer maximum
dynamic range at any supply voltage. These features make
the EL5420T an ideal amplifier solution for use in TFT-LCD
panels as a VCOM or static gamma buffer, and in high speed
filtering and signal conditioning applications. Other
applications include battery power and portable devices,
especially where low power consumption is important.
The EL5420T is available in a 14 Ld TSSOP package,
14 Ld SOIC package, and a space saving thermally
enhanced 16 Ld QFN package. All feature a standard
operational amplifier pin out. The devices operate over an
ambient temperature range of -40°C to +85°C.

Features
• 12MHz (-3dB) Bandwidth
• 4.5V to 19V Maximum Supply Voltage Range
• 12V/µs Slew Rate
• 500µA Supply Current (per Amplifier)
• ±70mA Continuous Output Current
• ±200mA Output Short Circuit Current
• Unity-gain Stable
• Beyond the Rails Input Capability
• Rail-to-rail Output Swing
• Built-in Thermal Protection
• -40°C to +85°C Ambient Temperature Range
• Pb-free (RoHS compliant)

Applications
• TFT-LCD Panels
• VCOM Amplifiers
• Static Gamma Buffers
• Electronics Notebooks
• Electronics Games
• Touch-screen Displays
• Personal Communication Devices
• Personal Digital Assistants (PDA)
• Portable Instrumentation
• Sampling ADC Amplifiers
• Wireless LANs
• Office Automation
• Active Filters
• ADC/DAC Buffer




Similar Part No. - EL5420TILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
470Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 25, 2009
logo
Renesas Technology Corp
EL5420TILZ RENESAS-EL5420TILZ Datasheet
797Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Similar Description - EL5420TILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 25, 2009
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 27, 2012
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com