Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23C6410 Datasheet (PDF) - Macronix International

23C6410 Datasheet PDF - Macronix International
Part # 23C6410
Download  23C6410 Download
File Size   518.14 Kbytes
Page   8 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 64M-BIT Mask ROM (8/16 Bit Output) For SOP and TSOP Packages

23C6410 Datasheet (PDF)

Go To PDF Page Download Datasheet
23C6410 Datasheet PDF - Macronix International

Part # 23C6410
Download  23C6410 Click to download

File Size   518.14 Kbytes
Page   8 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 64M-BIT Mask ROM (8/16 Bit Output) For SOP and TSOP Packages

23C6410 Datasheet (HTML) - Macronix International


23C6410 Product details

FEATURES
• Bit organization
    - 8M x 8 (byte mode)
    - 4M x 16 (word mode)
• Fast access time
    - Random access: 100ns (max.)
• Current
    - Operating: 70mA
    - Standby: 100uA (max.)
• Supply voltage
    - 5V±10%
• Package
    - 44 pin SOP (500 mil)
    - 48 pin TSOP (12mm x 20mm)
   




Similar Part No. - 23C6410

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
23C64080JL RENESAS-23C64080JL Datasheet
653Kb / 26P
MOS INTEGRATED CIRCUIT
2002
More results


Similar Description - 23C6410

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L4100 MCNIX-MX23L4100 Datasheet
457Kb / 7P
4M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C8111 MCNIX-MX23C8111 Datasheet
327Kb / 8P
8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
64M-BIT MASK ROM
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23C8100 MCNIX-MX23C8100_97 Datasheet
42Kb / 6P
8M-BIT MASK ROM (8/16 BIT OUTPUT)
logo
Generalplus Technology ...
GPR23L6400E GENERALPLUS-GPR23L6400E Datasheet
342Kb / 10P
64M-BIT MASK ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com