Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1533 Datasheet (PDF) - Intersil Corporation

ISL1533 Datasheet PDF - Intersil Corporation
Part # ISL1533
Download  ISL1533 Download
File Size   106.94 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Differential DSL Line Driver

ISL1533 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1533 Datasheet PDF - Intersil Corporation

Part # ISL1533
Download  ISL1533 Click to download

File Size   106.94 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Differential DSL Line Driver

ISL1533 Datasheet (HTML) - Intersil Corporation


ISL1533 Product details

The ISL1533 is a dual channel differential amplifier designed
for driving full rate ADSL2+ signals at very low power
dissipation. The high drive capability of 450mA makes this
driver ideal for DMT designs. It contains two pairs of
wideband, high-voltage, current mode feedback amplifiers
designed on Intersil’s HS30 Bipolar SOI process for low
power consumption in DSL systems. This process also
provides for very rugged protection against lightning induced
surges on the line.
These drivers achieve an MTPR distortion measurement of
better than 70dB, while consuming typically 5mA per DSL
channel of total supply current in 1/2 IS mode. This supply
current can be set using a resistor on the IADJ pin. Two other
pins (C0 and C1) can also be used to adjust supply current to
one of four preset modes (full-IS, 3/4-IS, 1/2-IS, and full
power-down). The ISL1533 integrates 50k pull-up resistors
on C0 and C1 pins to initially disable the device.
The ISL1533 operates on ±5V to ±15V supplies and retains
its bandwidth and linearity over the complete supply range.
The device is supplied in a thermally-enhanced
20 Ld HTSSOP and the small footprint (4mmx5mm)
24 Ld QFN packages. The ISL1533 is specified for operation
over the full -40°C to +85°C temperature range.

Features
• 450mA output drive capability
• 44.4VP-P differential output drive into 100
• ±5V to ±15V supply operation
• MTPR of -70dB
• Operates down to supply current of 4mA per port
• Current control pins
• Channel separation
- 80dB @ 500kHz
• High ESD protection from lightning induced transients
• Pb-free (RoHS compliant)
• Surpasses GR1089, ANSI, and ETSI requirements

Applications
• Dual port ADSL2+ line drivers
• HDSL line drivers




Similar Part No. - ISL1533

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
Dual Channel Differential DSL Line Driver
March 29, 2007
ISL1533A INTERSIL-ISL1533A Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
Dual Channel Differential DSL Line Driver
Jan 31, 2019
logo
Intersil Corporation
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
logo
Renesas Technology Corp
ISL1533AIRZ RENESAS-ISL1533AIRZ Datasheet
1Mb / 16P
Dual Channel Differential DSL Line Driver
Jan 31, 2019
More results


Similar Description - ISL1533

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
Dual Channel Differential DSL Line Driver
September 21, 2004
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
-52V Dual Channel Differential DSL Line Driver
September 11, 2006
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
-52V Dual Channel Differential DSL Line Driver
September 11, 2006
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
Dual Channel Differential DSL Line Driver
October 10, 2006
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
Dual Channel Differential DSL Line Driver
March 29, 2007
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
Dual Channel Differential DSL Line Driver
December 4, 2006
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
logo
Renesas Technology Corp
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
Dual Channel Differential DSL Line Driver
May 1, 2015
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
Dual Channel Differential DSL Line Driver
Jan 31, 2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com