Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1550 Datasheet (PDF) - Intersil Corporation

ISL1550 Datasheet PDF - Intersil Corporation
Part # ISL1550
Download  ISL1550 Download
File Size   709.44 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Port, VDSL2 Differential Line Driver

ISL1550 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1550 Datasheet PDF - Intersil Corporation

Part # ISL1550
Download  ISL1550 Click to download

File Size   709.44 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Port, VDSL2 Differential Line Driver

ISL1550 Datasheet (HTML) - Intersil Corporation


ISL1550 Product details

The ISL1550 is a dual operational amplifier intended to be
used as a differential line driver. ISL1550’s high bandwidth
and low distortion performance enables the support of VDSL2
8b, 17a and 30a modem applications.
This device features a high current drive capability of ±750mA
required to drive large voltage peaks into heavy loads. In
Central Office (CO) applications, the driver achieves a typical
Missing Band Power Ratio (MBPR) of -66dBc in VDSL2 8b
upstream (US) 1 band and MBPR’s of -61dBc and -60dBc in
VDSL2 17a US1 and US2 respectively.
The ISL1550 has two bias current control pins (C0, C1) to allow
for four power settings (disable, low, medium, high). The VDSL
modem DSP configures the line driver’s power setting based
on the desired mode of operation. The line driver operates on a
nominal single +12V or a dual ±6V supplies with bias current
in active mode between 15mA to 32mA, depending on its
power setting. The ISL1550’s gain setting is configurable at
the application level by setting the Rf and Rg resistor values.
The surge current handling of ISL1550 has been enhanced to
allow ITU-T K.20 and GR1089 compliance with minimal
external surge protection circuitry.
The ISL1550 is available in the thermally-enhanced, Pb-free
RoHS compliant 16 Ld QFN package and is specified for
operation over the full -40°C to +85°C temperature range.

Features
• 20dBm output power capability
• Drives up to ±750mA from a +12V supply
• 18VP-P differential output drive into 20Ω
• -89dBc typical driver output distortion at full output at
200kHz, 12VP-P differential
• -61dBc US1, -60dBc US2 avg. MBPR 17a
• Supply range: ±4.0V to ±6.6V, +8.0V to +13.2V
• Thermal shutdown
• K.20, GR-1089 Surge Robustness Validated

Applications
• VDSL2 Profiles: 8MHz, 17MHz, and 30MHz




Similar Part No. - ISL1550

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550IRZ RENESAS-ISL1550IRZ Datasheet
934Kb / 13P
Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550IRZ-EVALZ INTERSIL-ISL1550IRZ-EVALZ Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
More results


Similar Description - ISL1550

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8398A AD-AD8398A Datasheet
87Kb / 2P
Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
Dual Channel Differential VDSL2 Line Driver
June 21, 2013
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
Single Port VDSL2 Line Driver with Shutdown
Rev. D
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
Single Port, VDSL2 Differential Line Driver
logo
Analog Devices
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
Single Port VDSL2 Line Driver with Shutdown
11/2017-Rev. D to Rev. E
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
Dual Channel Differential VDSL2 Line Driver
June 21, 2013
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com