Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1561 Datasheet (PDF) - Intersil Corporation

ISL1561 Datasheet PDF - Intersil Corporation
Part # ISL1561
Download  ISL1561 Download
File Size   459.05 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Fixed Gain Dual Port Class-G Differential xDSL Line Driver

ISL1561 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1561 Datasheet PDF - Intersil Corporation

Part # ISL1561
Download  ISL1561 Click to download

File Size   459.05 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Fixed Gain Dual Port Class-G Differential xDSL Line Driver

ISL1561 Datasheet (HTML) - Intersil Corporation


ISL1561 Product details

The ISL1561 is a fixed gain dual port class-G differential
amplifier designed for driving full rate ADSL2+ and VDSL2
signals at very low power dissipation. The driver runs on a
single +14V power supply and internally generates higher
supply voltages when needed to enable power efficient
operation for high peak-to-average ratio (PAR) ADSL2+ and
VDSL2 signals.
In ADSL2+ mode of operation with full 19.8dBm transmit
signal power across 100Ω line load, each port consumes only
520mW of power, while with 19.5dBm VDSL2 8b profile a port
consumes 610mW of power. In VDSL2 17a mode of operation
with 14.5dBm transmit power, a port will consume 411mW of
power. These typical power consumption figures account for
receiver hybrid loading effects and transformer losses.
The ISL1561 provides two ports of wideband, current feedback
amplifiers optimized for low power consumption in xDSL
systems. The drivers achieve an average upstream missing
band power ratio (MBPR) distortion of better than -64dBc
under 19.8dBm transmit signal power into 100Ω load. A three
pin serial interface is used to program an 8-bit internal register
to set each port’s supply current with 0.5mA step size. This
flexibility allows the DSP to optimize each port separately
during modem training.
The device is supplied in a thermally-enhanced small footprint
(4mmx4mm) 24 lead QFN package. The ISL1561 is specified
for operation over the full -40°C to +85°C industrial
temperature range and is Pb-free RoHS compliant.

Features
• Internal fixed gain of 11.6V/V to transformer (see Figure 3)
• 360mA output drive capability
• 41.8VP-P differential output drive into 100Ω in class G mode
• VDSL2 8b profile MTPR of -64dBc
• VDSL2 17a profile MTPR of -60dBc
• ADSL2+, VDSL2 8b and 17a power consumption of 520mW,
610mW and 411mW respectively
• 8-bit programmable register to set supply current on each
port
• 3 pin serial port interface

Applications
• Dual port ADSL2+ and VDSL2 DSLAM




Similar Part No. - ISL1561

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1561 INTERSIL-ISL1561 Datasheet
459Kb / 13P
3 pin serial port interface
logo
Renesas Technology Corp
ISL1561 RENESAS-ISL1561 Datasheet
667Kb / 13P
Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Intersil Corporation
ISL1561IRZ INTERSIL-ISL1561IRZ Datasheet
459Kb / 13P
3 pin serial port interface
logo
Renesas Technology Corp
ISL1561IRZ RENESAS-ISL1561IRZ Datasheet
667Kb / 13P
Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
3 pin serial port interface
More results


Similar Description - ISL1561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6184 TI-THS6184 Datasheet
86Kb / 4P
DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
xDSL Differential Line Driver
September 29, 2006
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
xDSL Differential Line Driver
December 19, 2006
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
xDSL Differential Line Driver
March 29, 2007
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
xDSL Differential Line Driver
February 26, 2008
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Texas Instruments
THS6184 TI1-THS6184_16 Datasheet
1Mb / 39P
DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
xDSL Differential Line Driver
ISL1561 RENESAS-ISL1561 Datasheet
667Kb / 13P
Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com