Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL24201 Datasheet (PDF) - Intersil Corporation

ISL24201 Datasheet PDF - Intersil Corporation
Part # ISL24201
Download  ISL24201 Download
File Size   465.4 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable VCOM Calibrator with EEPROM

ISL24201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL24201 Datasheet PDF - Intersil Corporation

Part # ISL24201
Download  ISL24201 Click to download

File Size   465.4 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable VCOM Calibrator with EEPROM

ISL24201 Datasheet (HTML) - Intersil Corporation


ISL24201 Product details

The ISL24201 provides an 8-bit programmable current sink that
is used in conjunction with an external voltage divider and buffer
amplifier to generate a voltage source that is positioned between
the analog supply voltage and ground. The current sink’s
resolution is controlled by an external resistor, RSET, and the
span of the VCOM voltage is controlled by the voltage divider
resistor ratio and the source impedance of R1 and R2. This
device has an 8-bit data register and 8-bit EEPROM for storing a
volatile and a permanent value for its output. The ISL24201 has
an I2C bus interface that is used to read and write to its registers
and EEPROM. At power-up the EEPROM value is transferred to
the data register and output.
The ISL24201 is available in an 8 Ld 3mm x 3mm TDFN
package. This package has a maximum height of 0.8mm for very
low profile designs. The ambient operating temperature range is
-40°C to +85°C.

Features
• 8-bit, 256-Step, Adjustable Sink Current Output
• 4.5V to 18V Analog Supply Voltage Operating Range
• 2.25V to 3.6V Logic Supply Voltage Operating Range
• 400kHz, I2C Interface
• On-Chip 8-Bit EEPROM
• Output Guaranteed Monotonic Over-Temperature
• Pb-free (RoHS-compliant)

Applications
• LCD Panel VCOM Generator
• Electrophoretic Display VCOM Generator
• Resistive Sensor Driver
• Low Power Current Loop




Similar Part No. - ISL24201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24201 INTERSIL-ISL24201 Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
December 9, 2010
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
December 9, 2010
logo
Renesas Technology Corp
ISL24201IRTZ RENESAS-ISL24201IRTZ Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ-EVALZ INTERSIL-ISL24201IRTZ-EVALZ Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
December 9, 2010
More results


Similar Description - ISL24201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com