Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54065 Datasheet (PDF) - Intersil Corporation

ISL54065 Datasheet PDF - Intersil Corporation
Part # ISL54065
Download  ISL54065 Download
File Size   719.78 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin

ISL54065 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54065 Datasheet PDF - Intersil Corporation

Part # ISL54065
Download  ISL54065 Click to download

File Size   719.78 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin

ISL54065 Datasheet (HTML) - Intersil Corporation


ISL54065 Product details

The Intersil ISL54065 device is a low ON-resistance, low
voltage, bi-directional, dual single-pole/double-throw (SPDT)
analog switch. It is designed to operate from a single +1.8V to
+6.5V supply and pass signals that swing down to 6.5V below
the positive supply rail. Targeted applications include battery
powered equipment that benefit from low rON (0.56Ω), low
power consumption (8nA) and fast switching speeds
(tON = 55ns, tOFF = 18ns). The digital inputs are 1.8V
logic-compatible up to a +3V supply. The ISL54065 also
features integrated circuitry to eliminate click and pop noise to
an audio speaker.
The ISL54065 is offered in a small form factor package,
alleviating board space limitations. It is available in a tiny
12 Ld 2.2x1.4mm µTQFN.
The ISL54065 is a committed dual single-pole/double-throw
(SPDT) that consist of two normally open (NO) and two
normally closed (NC) switches with independent logic control.
This configuration can be used as a dual 2-to-1 multiplexer.

Features
• Pb-Free (RoHS Compliant)
• Single Supply Operation . . . . . . . . . . . . . . . . .+1.8V to +6.5V
• Negative Signal Swing (Max 6.5V Below V+)
• Enable Pin to Disable All Switches
• Integrated Click and Pop Elimination Circuitry
• Click and Pop Circuitry Disable Pin
• ON-Resistance (rON)
- V+ = +4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.52Ω
- V+ = +4.3V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.65Ω
- V+ = +2.7V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9Ω
- V+ = +1.8V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8Ω
• rON Matching Between Channels . . . . . . . . . . . . . . . . . 10mΩ
• rON Flatness Across Signal Range . . . . . . . . . . . . . . . . 0.33Ω
• Low THD+N @ 32Ω Load . . . . . . . . . . . . . . . . . . . . . . .0.02%
• Low Power Consumption @ 3V (PD). . . . . . . . . . . . 24nW
• Fast Switching Action (V+ = +4.3V)
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV
• Guaranteed Break-Before-Make
• 1.8V Logic Compatible (+3V supply)
• Low I+ Current when VINH is not at the V+ Rail
• Available in 12 Ld 2.2mm x 1.4mm µTQFN Package

Applications
• Audio and Video Switching
• Battery powered, Handheld, and Portable Equipment
- MP3 and Multimedia Players
- Cellular/mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment




Similar Part No. - ISL54065

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065 Datasheet
717Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPDT
November 3, 2009
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
December 19, 2008
ISL54065 INTERSIL-ISL54065 Datasheet
713Kb / 15P
1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
April 3, 2009
ISL54065 INTERSIL-ISL54065 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
More results


Similar Description - ISL54065

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
December 19, 2008
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
February 25, 2009
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
April 3, 2009
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com