Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX27L2000 Datasheet (PDF) - Macronix International

MX27L2000 Datasheet PDF - Macronix International
Part # MX27L2000
Download  MX27L2000 Download
File Size   1206.39 Kbytes
Page   18 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 2M-BIT [256Kx8] CMOS EPROM

MX27L2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX27L2000 Datasheet PDF - Macronix International

Part # MX27L2000
Download  MX27L2000 Click to download

File Size   1206.39 Kbytes
Page   18 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 2M-BIT [256Kx8] CMOS EPROM

MX27L2000 Datasheet (HTML) - Macronix International


MX27L2000 Product details

GENERAL DESCRIPTION
The MX27L2000 is a 3V only, 2M-bit, One Time Programmable Read Only Memory. It is organized as 256K words by 8 bits per word, operates from a single + 3 volt supply, has a static standby mode, and features fast single address location programming. All programming signals are TTL levels, requiring a single pulse. For programming outside from the system, existing EPROM programmers may be used. The MX27L2000 supports a intelligent fast programming algorithm which can result in programming time of less than one minute.
This EPROM is packaged in industry standard 32 pin dual-in-line packages, 32 lead SOP and 32 lead PLCC and 32 lead TSOP(I) packages.

FEATURES
• 256Kx 8 organization
• Wide power supply range, 2.7V DC to 3.6V DC
• +12.5V programming voltage
• Fast access time: 70R/120/150/200/250 ns
• Totally static operation
• Completely TTL compatible
• Operating current:20mA @ 3.6V, 5MHz
• Standby current: 20uA
• Package type:
    - 32 pin plastic DIP
    - 32 pin SOP
    - 32 pin PLCC
    - 8x20mm 32-lead TSOP(I)
    - 8x13.4mm 32-lead TSOP(I)




Similar Part No. - MX27L2000

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L2000DC-12 MCNIX-MX27L2000DC-12 Datasheet
101Kb / 14P
2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-15 MCNIX-MX27L2000DC-15 Datasheet
101Kb / 14P
2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-20 MCNIX-MX27L2000DC-20 Datasheet
101Kb / 14P
2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-25 MCNIX-MX27L2000DC-25 Datasheet
101Kb / 14P
2M-BIT [256Kx8] CMOS EPROM
MX27L2000DI-12 MCNIX-MX27L2000DI-12 Datasheet
101Kb / 14P
2M-BIT [256Kx8] CMOS EPROM
More results


Similar Description - MX27L2000

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
CMOS 256K-BIT EPROM
logo
Macronix International
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
2M-BIT [256K x 8] CMOS EPROM
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
2M-BIT [256K x 8] CMOS EPROM
MX27C2100 MCNIX-MX27C2100 Datasheet
563Kb / 17P
2M-BIT [256Kx8/128x16] CMOS EPROM
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
2M-BIT [256Kx8] CMOS EPROM
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
2M-bit (256Kx8)Serial Flash Memory
July, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com