Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C4100 Datasheet (PDF) - Macronix International

27C4100 Datasheet PDF - Macronix International
Part # 27C4100
Download  27C4100 Download
File Size   785.89 Kbytes
Page   18 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 4M-BIT [512K x 8/256K x 16] CMOS EPROM

27C4100 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C4100 Datasheet PDF - Macronix International

Part # 27C4100
Download  27C4100 Click to download

File Size   785.89 Kbytes
Page   18 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 4M-BIT [512K x 8/256K x 16] CMOS EPROM

27C4100 Datasheet (HTML) - Macronix International


27C4100 Product details

GENERAL DESCRIPTION
The MX27C4100/4096 is a 5V only, 4M-bit, One Time Programmable Read Only Memory. It is organized as 256K words by 16 bits per word(MX27C4096), 512K x 8 or 256K x 16(MX27C4100), operates from a single + 5 volt supply, has a static standby mode, and features fast single address location programming. All programming signals are TTL levels, requiring a single pulse. For programming outside from the system, existing EPROM programmers may be used. The MX27C4100/4096 supports a intelligent fast programming algorithm which can result in programming time of less than two minutes.

FEATURES
• 256K x 16 organization(MX27C4096, JEDEC pin out)
• 512K x 8 or 256K x 16 organization(MX27C4100, ROM pin out compatible)
• +12.5V programming voltage
• Fast access time: 100/120/150 ns
• Totally static operation
• Completely TTL compatible
• Operating current: 60mA
• Standby current: 100uA
• Package type:
    - 40 pin plastic DIP
    - 44 pin PLCC
    - 40 pin SOP




Similar Part No. - 27C4100

ManufacturerPart #DatasheetDescription
logo
Macronix International
27C4111-10 MCNIX-27C4111-10 Datasheet
522Kb / 15P
4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
27C4111-12 MCNIX-27C4111-12 Datasheet
522Kb / 15P
4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
27C4111-15 MCNIX-27C4111-15 Datasheet
522Kb / 15P
4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
27C4111-90 MCNIX-27C4111-90 Datasheet
522Kb / 15P
4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
More results


Similar Description - 27C4100

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
4M (512K X 8/256K X 16) BIT
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
4M (512K X 8/256K X 16) BIT
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
4M (512K X 8/256K X 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
4M-BIT [512K x 8/256K x 16] MASK ROM
MX26C4000B MCNIX-MX26C4000B Datasheet
957Kb / 20P
4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
256K X 16 / 512K X 8 BIT CMOS MASK ROM
logo
SPANSION
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com