Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54406 Datasheet (PDF) - Intersil Corporation

ISL54406 Datasheet PDF - Intersil Corporation
Part # ISL54406
Download  ISL54406 Download
File Size   764.88 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Stereo Click and Pop Eliminator with Audio Muting

ISL54406 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54406 Datasheet PDF - Intersil Corporation

Part # ISL54406
Download  ISL54406 Click to download

File Size   764.88 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Stereo Click and Pop Eliminator with Audio Muting

ISL54406 Datasheet (HTML) - Intersil Corporation


ISL54406 Product details

The Intersil ISL54406 is a Dual SPST (Single Pole/Single
Throw) switch that provides a very low distortion audio
path for a stereo headphone or high impedance line-in
load. This path can be interrupted to provide >110dB of
off-isolation for signal muting purposes into 32Ω or high
impedance loads such as consumer entertainment
system line-inputs, MP3 docking systems for powered
speaker or automotive entertainment system in-line or
cassette interfaces. Recovery from muting is instant
even with very large DC blocking capacitors.
The ISL54406 also has comprehensive Click and Pop
elimination measures to prevent these artifacts from
occurring in the load due to system power-up/powerdown, codec enable/disable, headphone hot plug in,
and audio muting on/off situations. The Click and Pop
elimination is effective into low and high impedance
loads and requires no external timing components to
deal with DC blocking capacitors placed between the
single supply codec and the load.
The ISL54406 is available in a 10 Ld TDFN (3mmx3mm)
or a tiny 10 Ld µTQFN (1.8mmx1.4mm) ultra-thin
package. It operates over a temperature range of -40 to
+85°C.

Features
• Single Supply Operation (VDD) . . . . +2.7V to +5.0V
• Negative Signal Swing Capability . . . . . . . . . . . -1.5V
• Low THD
- THD+N at 1mW into 32Ω Load. . . . . . . . . <0.02%
• Click and Pop Elimination . . . . . . . . . . . . . . . >60dB
• Audio Muting . . . . . . . . . . . . . . . . . . . . . . >110dB
• Low Power Consumption. . . . . . 21µW with 3V supply
• Low Power Shutdown Mode
• 1.8V Logic Compatible
• Available in 10 Ld TDFN (3mmx3mm) or tiny
10 Ld (1.8mmx1.4mm) µTQFN Package
• Pb-Free (RoHS Compliant)

Applications
• Consumer Entertainment Systems
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
• PDA’s
• Audio Switching and Muting




Similar Part No. - ISL54406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
logo
Intersil Corporation
ISL54406EVAL1Z INTERSIL-ISL54406EVAL1Z Datasheet
763Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406EVAL1Z RENESAS-ISL54406EVAL1Z Datasheet
946Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
logo
Intersil Corporation
ISL54406IRTZ INTERSIL-ISL54406IRTZ Datasheet
763Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
More results


Similar Description - ISL54406

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
Audio Click-Pop Suppressor
Rev 0; 8/03
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
Shut Mode Audio Click-and-Pop Eliminator
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com