Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54409 Datasheet (PDF) - Intersil Corporation

ISL54409 Datasheet PDF - Intersil Corporation
Part # ISL54409
Download  ISL54409 Download
File Size   376.46 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction

ISL54409 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54409 Datasheet PDF - Intersil Corporation

Part # ISL54409
Download  ISL54409 Click to download

File Size   376.46 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction

ISL54409 Datasheet (HTML) - Intersil Corporation


ISL54409 Product details

The Intersil ISL54409 and ISL54410 are Dual SPST
(Single Pole/Single Throw) switches that provide a very
low distortion audio path for a stereo headphone and
can be connected in a wired-OR configuration at the
switch outputs with USB2.0 HS signals for Audio/USB
signal multiplexing to a common connector. The audio
switch path can be disabled to provide high signal
isolation, preventing crosstalk between the audio codec
and USB data signals.
The ISL54409 and ISL54410 analog switches are
negative swing capable with a single supply voltage and
maintain excellent THD performance within a signal
range of -1V to +1V. The switch terminals have low pin
capacitance (4pF typical), minimizing impact to USB 2.0
High-Speed signals. The ISL54409 offers a Low Power
Shutdown mode while the ISL54410 offers a High
Off-Isolation mode. The ISL54410 contains active Audio
Click and Pop Elimination circuitry for AC-coupled audio
signals.
The ISL54409 and ISL54410 are available in a 8 Ld
TDFN (2mmx2mm) or a 10 Ld µTQFN (1.8mmx1.4mm)
package. They operate over a temperature range of
-40 to +85°C.

Features
• Single Supply Operation (VDD) . . . +2.7V to +5.0V
• Negative Signal Handling (See “Audio/USB wired-OR
Application” on page 8 on protecting USB controller)
• Low OFF Capacitance for HS USB . . . . . . . . . .4pF
• Power Off Protection
• THD+N at 1mW into 32Ω Load . . . . . . . . <0.02%
• Audio Muting . . . . . . . . . . . . . . . . . . . . .>110dB
• Low Power Consumption. . . . 21µW with 3V supply
• Low Power Shutdown Mode (ISL54409)
• Active Click and Pop Elimination Circuitry (ISL54410)
• USB VBUS Hot Plug Operation
• Available in 8 Ld TDFN (2mmx2mm) or 10 Ld µTQFN
(1.8mmx1.4mm) Package

Applications
• Consumer Entertainment Systems
• MP3 and other Personal Media Players
• Cellular/Mobile Phones and PDAs




Similar Part No. - ISL54409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409 INTERSIL-ISL54409 Datasheet
378Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409 INTERSIL-ISL54409 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409 Datasheet
376Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
More results


Similar Description - ISL54409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
ISL54409 INTERSIL-ISL54409_10 Datasheet
378Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
Audio Click-Pop Suppressor
Rev 0; 8/03
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com