Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL55211 Datasheet (PDF) - Intersil Corporation

ISL55211 Datasheet PDF - Intersil Corporation
Part # ISL55211
Download  ISL55211 Download
File Size   1171.1 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier

ISL55211 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55211 Datasheet PDF - Intersil Corporation

Part # ISL55211
Download  ISL55211 Click to download

File Size   1171.1 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier

ISL55211 Datasheet (HTML) - Intersil Corporation


ISL55211 Product details

The ISL55211 is a wideband, differential input to differential
output amplifier offering 3 possible internal gain settings.
Using fixed 500Ω internal feedback resistors, the amplifier
may be configured for a differential gain of 2, 4 or 5V/V
depending on which combination of input pins are connected
to the signal source. Internal feedback capacitors controls the
signal bandwidth to be a constant 1.4GHz in all gain settings.
Ideally suited for AC-coupled data acquisition applications, the
output DC common mode voltage is controlled through an
external VCM pin or left to default to 1.2V above the negative
supply pin. Where the differential signal source is AC-coupled,
the input common mode voltage will equal the output
common mode voltage.
Intended for very high dynamic range ADC interface
applications, the ISL55211 offers 5600V/µs differential slew
rate, <12nV/√Hz output noise, and >100dBc SFDR to
>100MHz for 2VP-P 2-tone 3rd order intermodulation. Its
balanced architecture effectively suppresses even order
distortion terms - an important issue for very wide band 1st
Nyquist zone ADC interface applications. Minimum gain
operation of 2V/V (6dB) with <1dB peaking ensures stable
performance over-temperature. It's ultra high differential slew
rate of 5600V/µs provides adequate performance margin for
large signal application through 500MHz.
The ISL55211 requires only a single 3.3V (max. 4.2V) power
supply and 35mA quiescent current, providing a very low
power solution (115mW). Further power savings are possible
using the optional power shutdown control - where the
quiescent current can be reduced to <0.4mA. A companion
device, the ISL55210, offers similar performance where the
feedback and gain resistors are external. Both are available in
a 16 Ld TQFN (Pb-free) package and are specified for
operation over the -40°C to +85°C ambient temperature
range.

Features
• 3 Fixed Gain Options . . . . . . . . . . . . . . . . . . . . . . . 2, 4, or 5V/V
• Constant Bandwidth Over Gain . . . . . . . . . . . . . . . . . . 1.4GHz
• Differential Slew Rate . . . . . . . . . . . . . . . . . . . . . . . 5,600V/µs
• 2VP-P, 2-tone IM3 (200Ω) 100MHz . . . . . . . . . . . . . . -103dBc
• Low Differential Output Noise (Gain 5V/V) . . . . . . <12nV/√Hz
• Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . 3.0V to 4.2V
• Quiescent Power (3.3V Supply) . . . . . . . . . . . . . . . . . .115mW

Applications
• Low Power, High Dynamic Range ADC Interface
• Differential Mixer Output Amplifier
• SAW Filter Pre/Post Driver
• Fixed Gain Coax Receiver




Similar Part No. - ISL55211

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
June 21, 2011
ISL55211 INTERSIL-ISL55211 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Intersil Corporation
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211IRTZ RENESAS-ISL55211IRTZ Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results


Similar Description - ISL55211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4508 TI-THS4508 Datasheet
3Mb / 29P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
June 21, 2011
logo
Texas Instruments
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com