Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78301 Datasheet (PDF) - Intersil Corporation

ISL78301 Datasheet PDF - Intersil Corporation
Part # ISL78301
Download  ISL78301 Download
File Size   392.54 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications

ISL78301 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78301 Datasheet PDF - Intersil Corporation

Part # ISL78301
Download  ISL78301 Click to download

File Size   392.54 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications

ISL78301 Datasheet (HTML) - Intersil Corporation


ISL78301 Product details

The ISL78301 is a high voltage, low quiescent current linear
regulator ideally suited for “always-on” and “keep alive”
automotive applications. The ISL78301 operates from an input
voltage of +6V to +40V under normal operating conditions and
operates down to +3V under a cold crank. It consumes only 18µA
of quiescent current at no load on the adjustable version.
The ISL78301 is available in a fixed 3.3V, 5V and adjustable
output voltage (2.5V to 12V) options. It features an EN pin that
can be used to put the device into a low-quiescent current
shutdown mode where it draws only 2µA of supply current. The
device features over-temperature shutdown and current limit
protection.
The ISL78301 is AEC-Q100 qualified. It is rated over the -40°C to
+125°C automotive temperature range and is available in a
14 Ld HTSSOP with an exposed pad package.

Features
• Optimized for “always-on” automotive applications
• 18µA typical quiescent current
• Guaranteed 150mA output current
• Operates through cold crank down to 3V
• 40V tolerant logic level (TTL/CMOS) enable input
• 2µA of typical shutdown current
• Low dropout voltage of 295mV at 150mA
• Fixed +3.3V, +5.0V and adjustable output voltage options
• Stable operation with 10µF output capacitor
• Thermal shutdown and current limit protection
• -40°C to +125°C operating temperature range
• Thermally enhanced 14 Ld exposed pad HTSSOP package
• AEC-Q100 qualified
• 5kV ESD HBM rated
• Pb-free (RoHS compliant)

Applications
• Automotive
• Industrial
• Telecommunications




Similar Part No. - ISL78301

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
October 21, 2011
logo
Renesas Technology Corp
ISL78301 RENESAS-ISL78301 Datasheet
599Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Intersil Corporation
ISL78301FVEAZ INTERSIL-ISL78301FVEAZ Datasheet
401Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
October 21, 2011
logo
Renesas Technology Corp
ISL78301FVEAZ RENESAS-ISL78301FVEAZ Datasheet
599Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Intersil Corporation
ISL78301FVEBZ INTERSIL-ISL78301FVEBZ Datasheet
401Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
October 21, 2011
More results


Similar Description - ISL78301

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
October 21, 2011
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL78307FBEAZ INTERSIL-ISL78307FBEAZ Datasheet
368Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
April 7, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL78301 RENESAS-ISL78301 Datasheet
599Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
ISL78307 RENESAS-ISL78307 Datasheet
547Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com