Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78310 Datasheet (PDF) - Intersil Corporation

ISL78310 Datasheet PDF - Intersil Corporation
Part # ISL78310
Download  ISL78310 Download
File Size   536.86 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance 1A LDO

ISL78310 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78310 Datasheet PDF - Intersil Corporation

Part # ISL78310
Download  ISL78310 Click to download

File Size   536.86 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance 1A LDO

ISL78310 Datasheet (HTML) - Intersil Corporation


ISL78310 Product details

The ISL78310 is a low dropout voltage, high-current, single
output LDO specified for 1A output current. This part operates
from input voltages down to 2.2V and up to 6V. The part offers
fixed and external resistor adjustable output voltages from 0.8V
to 5V. Custom voltage options are available upon request.
For applications that desire to set the in-rush current to less than
the current limit of the part, or for applications that require
turn-on time control, an external capacitor can be placed on the
soft-start pin for maximum control. A supply-independent
ENABLE signal allows the part to be placed into a low quiescent
current shutdown mode. Sub-micron CMOS process is used for
this product family to deliver best-in-class analog performance
and overall value.
This CMOS LDO consumes significant lower quiescent (ground pin)
current as a function of load over bipolar LDOs, which translates into
higher efficiency and packages with smaller footprints. Quiescent
current is optimized to achieve a very fast load transient response.
The ISL78310 is AEC-Q100 rated. The ISL78310 is rated for the
automotive temperature range (-40°C to +125°C).

Features
• 2.2V to 6V input supply
• 130mV dropout voltage typical (at 1A)
• Fast load transient response
• ±0.2% initial VOUT accuracy
• Adjustable in-rush current limiting
• 58dB typical PSRR
• 63µVRMS output noise at VOUT = 1.8V
• Power-good feature
• 500mV feedback voltage
• Supply-independent 1V enable input threshold
• Short-circuit current protection
• 1A peak reverse current
• Over-temperature shutdown
• Any cap stable with minimum 10µF ceramic
• ±1.8% guaranteed VOUT accuracy for junction temperature
range from -40°C to +125°C
• Available in a 10 Lead DFN package
• Pb-free (RoHS compliant)
• AEC-Q100 qualified

Applications
• Core & I/O power
• Camera modules
• Post regulation of switched supplies
• Radio systems
• Infotainment systems




Similar Part No. - ISL78310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
High Performance 1A LDO
February 17, 2011
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
High Performance 1A LDO
logo
Intersil Corporation
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
659Kb / 13P
High Performance 1A LDO
February 17, 2011
logo
Renesas Technology Corp
ISL78310ARAJZ RENESAS-ISL78310ARAJZ Datasheet
812Kb / 14P
High Performance 1A LDO
logo
Intersil Corporation
ISL78310ARAJZ-TR5303 INTERSIL-ISL78310ARAJZ-TR5303 Datasheet
659Kb / 13P
High Performance 1A LDO
February 17, 2011
More results


Similar Description - ISL78310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
High Performance 1A LDO
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
High Performance 1A LDO
February 17, 2011
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
High Performance 1A LDO
August 31, 2011
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
High Performance 1A LDO
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
High Performance 1A LDO
August 26, 2015
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
High Performance 1A LDO
July 28, 2015
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
EY1501DI-ADJ High Performance 1A LDO
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
High Performance 1A LDO
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
High Performance 1A LDO
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
High Performance 1A LDO
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com