Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78307 Datasheet (PDF) - Intersil Corporation

ISL78307 Datasheet PDF - Intersil Corporation
Part # ISL78307
Download  ISL78307 Download
File Size   368.5 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications

ISL78307 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78307 Datasheet PDF - Intersil Corporation

Part # ISL78307
Download  ISL78307 Click to download

File Size   368.5 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications

ISL78307 Datasheet (HTML) - Intersil Corporation


ISL78307 Product details

The ISL78307 is a high voltage, low quiescent current linear
regulator ideally suited for “always-on” and “keep alive”
automotive applications. The ISL78307 operates from an input
voltage of +6V to +40V under normal operating conditions and
operates down to +3V under a cold crank. It consumes only 18µA
of quiescent current at no load on the adjustable version.
The ISL78307 is available in fixed 3.3V, 5V and adjustable output
voltage (2.5V to 12V) options. It features an EN pin that can be
used to put the device into a low-quiescent current shutdown
mode where it draws only 1.8µA of supply current. The device
features over-temperature shutdown and current limit protection.
The ISL78307 is AEC-Q100 qualified. It is rated over the -40°C to
+125°C automotive temperature range and is available in an
8 Ld EPSOIC with exposed pad package.

Features
• Optimized for “always-on” automotive applications
• 18µA typical quiescent current
• Guaranteed 50mA output current
• Operates through cold crank down to 3V
• 40V tolerant logic level (TTL/CMOS) enable input
• 1.8µA of typical shutdown current
• Low dropout voltage of 120mV at 50mA
• Fixed +3.3V, +5.0V and adjustable output voltage options
• Stable operation with 10µF output capacitor
• Thermal shutdown and current limit protection
• -40°C to +125°C operating temperature range
• Thermally enhanced 8 Ld exposed pad SOIC package
• AEC-Q100 qualified
• 6kV ESD HBM rated
• Pb-free (RoHS compliant)

Applications
• Automotive
• Industrial
• Telecom




Similar Part No. - ISL78307

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL78307 RENESAS-ISL78307 Datasheet
547Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
ISL78307FBEAZ RENESAS-ISL78307FBEAZ Datasheet
547Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
ISL78307FBEBZ RENESAS-ISL78307FBEBZ Datasheet
547Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
More results


Similar Description - ISL78307

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
October 21, 2011
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator
December 15, 2011
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EV1340QI-E ALTERA-EV1340QI-E Datasheet
805Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL78301FVEAZ INTERSIL-ISL78301FVEAZ Datasheet
392Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
April 7, 2015
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
logo
E-CMOS Corporation
EC8841 E-CMOS-EC8841 Datasheet
952Kb / 12P
50mA Ultra-Low Quiescent Current LDO Linear Regulator
logo
Renesas Technology Corp
ISL78301 RENESAS-ISL78301 Datasheet
599Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
ISL78307 RENESAS-ISL78307 Datasheet
547Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com