Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78302 Datasheet (PDF) - Intersil Corporation

ISL78302 Datasheet PDF - Intersil Corporation
Part # ISL78302
Download  ISL78302 Download
File Size   541.7 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual LDO with Low Noise, High Performance and Low IQ

ISL78302 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78302 Datasheet PDF - Intersil Corporation

Part # ISL78302
Download  ISL78302 Click to download

File Size   541.7 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual LDO with Low Noise, High Performance and Low IQ

ISL78302 Datasheet (HTML) - Intersil Corporation


ISL78302 Product details

ISL78302 is a high performance dual LDO capable of sourcing
300mA current from each output. It has a low standby current
and is stable with an output capacitance of 1µF to 10µF and an
ESR of up to 200mΩ.
The device integrates an individual Power-On-Reset (POR)
function for each output. The POR delay for VO2 can be externally
programmed by connecting a timing capacitor to the CPOR pin.
The POR delay for VO1 is internally fixed at approximately 2ms. A
reference bypass pin is also provided for connecting a noise
filtering capacitor for low noise and high-PSRR applications.
The quiescent current is typically only 47µA with both LDOs
enabled and active. Separate enable pins control each individual
LDO output. When both enable pins are low, the device is in
shutdown, typically drawing less than 0.5µA.
The part operates down to 2.3V and up to 6.5V input. The typical
output voltage can be as low as 1.2V and as high as 3.3V for
each regulator. Please refer to the “Ordering Information” on
page 3 for standard options.
The ISL78302 is AEC-Q100 qualified at the automotive
temperature range of -40°C to +105°C.

Features
• Integrates two 300mA high performance LDOs
• Excellent transient response to large current steps
• ±1.8% Accuracy over all operating conditions
• Excellent load regulation: <0.1% voltage change across full
range of load current
• Extremely low quiescent current: 47µA (both LDOs active)
• Wide input voltage capability: 2.3V to 6.5V
• Low dropout voltage: typically 300mV at 300mA
• Low output noise: typically 37µVRMS at 100µA (1.5V)
• Stable with 1µF to 10µF ceramic capacitors
• Separate enable and POR pins for each LDO
• Soft-start and staged turn-on to limit input current surge during
enable
• Current limit and over-temperature protection
• Tiny 10 Lead 3mm x 3mm DFN package
• AEC-Q100 qualified
• Pb-free (RoHS Compliant)

Applications
• Radio receivers
• Camera modules
• GPS/navigation
• Infotainment systems




Similar Part No. - ISL78302

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302 INTERSIL-ISL78302 Datasheet
596Kb / 11P
Dual LDO with Low Noise, High Performance and Low IQ
January 28, 2011
logo
Renesas Technology Corp
ISL78302 RENESAS-ISL78302 Datasheet
743Kb / 13P
Dual LDO with Low Noise, High Performance and Low IQ
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL78302A INTERSIL-ISL78302A Datasheet
321Kb / 11P
Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL78302AARBJZ INTERSIL-ISL78302AARBJZ Datasheet
321Kb / 11P
Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
More results


Similar Description - ISL78302

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
January 30, 2007
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL78302 INTERSIL-ISL78302 Datasheet
596Kb / 11P
Dual LDO with Low Noise, High Performance and Low IQ
January 28, 2011
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
Dual LDO with Low Noise, Low IQ and High PSRR
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL78302 RENESAS-ISL78302 Datasheet
743Kb / 13P
Dual LDO with Low Noise, High Performance and Low IQ
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com