Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC1232 Datasheet (PDF) - Micrel Semiconductor

MIC1232 Datasheet PDF - Micrel Semiconductor
Part # MIC1232
Download  MIC1232 Download
File Size   162.62 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 關P Supervisory Circuit

MIC1232 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC1232 Datasheet PDF - Micrel Semiconductor

Part # MIC1232
Download  MIC1232 Click to download

File Size   162.62 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 關P Supervisory Circuit

MIC1232 Datasheet (HTML) - Micrel Semiconductor


MIC1232 Product details

General Description

The MIC1232 is a multifunction circuit which monitors microprocessor activity, external reset and power supplies in microprocessor based systems. The circuit functions include a watchdog time, power supply monitor, microprocessor reset, and manual pushbutton reset input.



Features

• Power OK/Reset time delay, 250ms min.

• Watchdog timer, 150ms, 600ms, or 1.2s typical

• Precision supply voltage monitor, select between 5% or 10% of supply voltage

• Available in 8-pin surface mount (SO)

• Debounced External reset input

• Low supply current, <18µA typical



Applications

• Automotive systems

• Intelligent systems

• Critical microprocessor power monitoring

• Battery powered computers

• Controllers



 




Similar Part No. - MIC1232

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1232M MICREL-MIC1232M Datasheet
147Kb / 6P
關P Supervisory Circuit
MIC1232MY MICREL-MIC1232MY Datasheet
147Kb / 6P
關P Supervisory Circuit
MIC1232N MICREL-MIC1232N Datasheet
147Kb / 6P
關P Supervisory Circuit
MIC1232NY MICREL-MIC1232NY Datasheet
147Kb / 6P
關P Supervisory Circuit
MIC1232 MICREL-MIC1232_06 Datasheet
147Kb / 6P
關P Supervisory Circuit
More results


Similar Description - MIC1232

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC1832 IMPALA-ILC1832 Datasheet
78Kb / 5P
關P SUPERVISORY CIRCUIT
logo
Micrel Semiconductor
MIC1832 MICREL-MIC1832 Datasheet
164Kb / 8P
關P Supervisory Circuit
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
關P Supervisory Circuit
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
關P Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705_06 Datasheet
180Kb / 7P
關P Supervisory Circuit
MIC1232 MICREL-MIC1232_06 Datasheet
147Kb / 6P
關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
關P Supervisory Circuit
MIC706R MICREL-MIC706R_11 Datasheet
163Kb / 7P
關P Supervisory Circuit
MIC708TMY MICREL-MIC708TMY Datasheet
451Kb / 10P
關P Supervisory Circuit
MIC705 MICREL-MIC705_14 Datasheet
441Kb / 10P
關P Supervisory Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com